Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8029HL/C1 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # TDA8029HL/C1
Description  Low power single card reader
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8029HL/C1 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button TDA8029HL/C1 Datasheet HTML 20Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 21Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 22Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 23Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 24Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 25Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 26Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 27Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 58 page
background image
2003 Oct 30
24
Philips Semiconductors
Product specification
Low power single card reader
TDA8029
Note
1. Do not write logic 1s to reserved bits. These bits may be used in future 80C51 family products to invoke new features.
In that case, the reset or inactive value of the new bit will be logic 0, and its active value will be logic 1. The value
read from a reserved bit is indeterminate.
2
PX1H
External interrupt 1 priority. See Table 20.
1
PT0H
Timer 0 interrupt priority. See Table 20.
0
PX0H
External interrupt 0 priority. See Table 20.
BIT
SYMBOL
DESCRIPTION
8.5
Dual Data Pointer (DPTR)
The dual DPTR structure is a way by which the TDA8029
will specify the address of an external data memory
location. There are two 16-bit DPTR registers that address
the external memory, and a single bit called DPS (bit 0 of
the AUXR1 register) that allows the program code to
switch between them.
The DPS bit should be saved by software when switching
between DPTR0 and DPTR1.
The GF bit (bit 2 in register AUXR1) is a general purpose
user-defined flag. Note that bit 2 is not writable and is
always read as a logic 0. This allows the DPS bit to be
quickly toggled simply by executing an INC AUXR1
instruction without affecting the GF or LPEP bits.
The instructions that refer to DPTR refer to the data pointer
that is currently selected using bit 0 of the AUXR1 register.
The six instructions that use the DPTR are listed in
Table 28 and an illustration is given in Fig.8.
Table 28 DPTR instructions
The data pointer can be accessed on a byte-by-byte basis
by specifying the low or high byte in an instruction which
accesses the SFRs.
INSTRUCTION
COMMENT
INC DPTR
increments the data pointer by 1
MOV DPTR, #data 16 loads the DPTR with a 16-bit
constant
MOV A, @A + DPTR
move code byte relative to
DPTR to ACC
MOVX A, @DPTR
move external RAM (16-bit
address) to ACC
MOVX @DPTR, A
move ACC to external RAM
(16-bit address)
JMP @A + DPTR
jump indirect relative to DPTR
handbook, full pagewidth
DPH
(83H)
AUXR1.0
DPS
DPL
(82H)
EXTERNAL
DATA
MEMORY
DPTR0
MHI007
DPTR1
Fig.8 Dual DPTR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com