Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8029HL/C1 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # TDA8029HL/C1
Description  Low power single card reader
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8029HL/C1 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button TDA8029HL/C1 Datasheet HTML 18Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 19Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 20Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 21Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 22Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 23Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 24Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 25Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 58 page
background image
2003 Oct 30
22
Philips Semiconductors
Product specification
Low power single card reader
TDA8029
8.4
Interrupt priority structure
The TDA8029 has a 6-source 4-level interrupt structure.
There are three SFRs associated with the 4-level interrupt: IE, IP and IPH. The Interrupt Priority High (IPH) register
implements the 4-level interrupt structure. The IPH is located at SFR address B7h.
The function of the IPH is simple and when combined with the IP determines the priority of each interrupt. The priority of
each interrupt is determined as shown in Table 20.
Table 20 Priority bits
Table 21 Interrupt table
Notes
1. Level activated.
2. Transition activated.
8.4.1
INTERRUPT ENABLE (IE) REGISTER
Table 22 Interrupt enable register bits
Table 23 Description of register bits
IPH BIT n
IP BIT n
INTERRUPT PRIORITY LEVEL
0
0
level 0 (lowest priority)
01
level 1
10
level 2
1
1
level 3 (highest priority)
SOURCE
POLLING PRIORITY
REQUEST BITS
HARDWARE CLEAR
VECTOR ADDRESS
(HEX)
X0
1
IE0
N(1); Y(2)
03
T0
2
TF0
Y
0B
X1
3
IE1
N(1); Y(2)
13
T1
4
TF1
Y
1B
SP
5
RI, TI
N
23
T2
6
TF2, EXF2
N
2B
BIT
7
6
543210
Symbol
EA
−
ET2
ES
ET1
EX1
ET0
EX0
BIT
SYMBOL
DESCRIPTION(1)
7EA
Global disable. If EA = 0, all interrupts are disabled; If EA = 1, each interrupt can be
individually enabled or disabled by setting or clearing its enable bit.
6
−
Not implemented. Reserved for future use; note 2.
5
ET2
Timer 2 interrupt enable. ET2 = 1 enables the interrupt; ET2 = 0 disables the interrupt.
4ES
Serial port interrupt enable. ES = 1 enables the interrupt; ES = 0 disables the interrupt.
3
ET1
Timer 1 interrupt enable. ET1 = 1 enables the interrupt; ET1 = 0 disables the interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com