Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8029HL/C1 Datasheet(PDF) 41 Page - NXP Semiconductors

Part # TDA8029HL/C1
Description  Low power single card reader
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8029HL/C1 Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button TDA8029HL/C1 Datasheet HTML 37Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 38Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 39Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 40Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 41Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 42Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 43Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 44Page - NXP Semiconductors TDA8029HL/C1 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 58 page
background image
2003 Oct 30
41
Philips Semiconductors
Product specification
Low power single card reader
TDA8029
8.10.3.6
Power Control Register (PCR)
This register is used for starting or stopping card sessions.
Table 66 Power control register, address 7h, read and write
Table 67 Description of register bits
BIT
7
6
543210
Symbol
−−
−
−
1V8
RSTIN
3V/5V
START
Reset value
−−
000000
BIT
SYMBOL
DESCRIPTION
7to4
−
Not used.
3
1V8
Select 1.8 V. If 1V8 = 1, then VCC = 1.8 V. It should be noted that specifications are not
guaranteed at this voltage when the supply voltage VDD is less than 3 V.
2
RSTIN
Card reset. When the card is activated, pin RST is the copy of the value written in
RSTIN.
1
3V/5V
Select 3 V or 5 V. If 3V/5V = 1, then VCC = 3 V. If 3V/5V = 0, then VCC =5V.
0START
Activate and deactivate card. If START = 1 is written by the controller, then the card is
activated (see description of activation sequence in Section 8.16). If the controller writes
START = 0, then the card is deactivated (see description of deactivation sequence in
Section 8.17). START is automatically reset in case of emergency deactivation.
For deactivating the card, only bit START should be reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com