Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8029HL/C2 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # TDA8029HL/C2
Description  Low power single card reader
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8029HL/C2 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button TDA8029HL/C2 Datasheet HTML 42Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 43Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 44Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 45Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 46Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 47Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 48Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 49Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 58 page
background image
2003 Oct 30
46
Philips Semiconductors
Product specification
Low power single card reader
TDA8029
8.17
Deactivation sequence
When the session is completed, the microcontroller resets
bit START (t10). The circuit then executes an automatic
deactivation sequence shown in Fig.13:
• Card reset (pin RST falls LOW) (t11)
• Clock (pin CLK) is stopped LOW (t12)
• Pin I/O falls to 0 V (t13)
• VCC falls to 0 V with typical 0.17 V/µs slew rate (t14)
• The DC/DC converter is stopped and CLK, RST, VCC
and I/O become low impedance to GNDC (t15).
t11 =t10 + 3/64T, t12 =t11 + 1/2T, t13 =t11 +T,
t14 =t11 + 3/2T, t15 =t11 + 7/2T.
tde is the time that VCC needs for going down to less than
0.4 V.
Automatic emergency deactivation is performed in the
following cases:
• Withdrawal of the card (PRES LOW)
• Overcurrent detection on VCC (bit PRTL1 set)
• Overcurrent detection on RST (bit PRTL1 set)
• Overheating (bit PTL set)
• Supply too low (bit SUPL set)
• RESET pin active HIGH.
If the reason of the deactivation is a card take off, an
overcurrent or an overheating, then INT0_N is LOW. The
corresponding bit in the hardware status register is set. Bit
START is automatically reset.
If the reason is a supply dropout, then the deactivation
sequence occurs, and a complete reset of the chip is
performed. When the supply will be OK again, then the bit
SUPL will be set in HSR.
handbook, full pagewidth
START
VUP
VCC
I/O
CLK
RST
t10
t12
t13
tde
t14
t15
t11
FCE685
Fig.13 Deactivation sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com