Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8029HL/C2 Datasheet(PDF) 50 Page - NXP Semiconductors

Part # TDA8029HL/C2
Description  Low power single card reader
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8029HL/C2 Datasheet(HTML) 50 Page - NXP Semiconductors

Back Button TDA8029HL/C2 Datasheet HTML 46Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 47Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 48Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 49Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 50Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 51Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 52Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 53Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 54Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 58 page
background image
2003 Oct 30
50
Philips Semiconductors
Product specification
Low power single card reader
TDA8029
VCC
card supply voltage
active mode including static
loads; ICC < 65 mA; 5 V card
4.75
5.0
5.25
V
active mode; current pulses of
40 nAs with I < 200 mA,
t < 400 ns, f < 20 MHz;
5 V card
4.6
−
5.4
V
active mode including static
loads; ICC < 65 mA;
VDD > 3.0 V; 3 V card
2.78
3
3.22
V
active mode; current pulses of
24 nAs with I < 200 mA,
t < 400 ns, f < 20 MHz;
3 V card
2.75
−
3.25
V
active mode including static
loads; ICC < 30 mA; 1.8 V card
1.62
1.8
1.98
V
active mode; current pulses of
12 nAs with I < 200 mA,
t < 400 ns, f < 20 MHz;
1.8 V card
1.62
−
1.98
V
ICC
card supply current
5 V card; VCC =0to 5V
−−
65
mA
3 V card; VCC = 0 to 3 V;
VDD > 3.0 V
−−
65
mA
1.8 V card; VCC = 0 to 1.8 V
−−
30
mA
VCC shorted to ground
−−
120
mA
SRr, SRf
rise and fall slew rate on
VCC
maximum load capacitor
300 nF
0.05
0.16
0.22
V/
µs
Vripple(p-p)
ripple voltage on VCC
(peak to peak value)
20 kHz < f < 200 MHz
−−
350
mV
Data line: pin I/O, with an integrated 14 k
Ω pull-up resistor to VCC
VO(inactive)
output voltage inactive
no load
0
−
0.1
V
IO(inactive) =1mA
−−
0.3
V
IO(inactive)
current from I/O when
inactive and pin grounded
−−
−1mA
VOL
LOW level output voltage
I/O configured as output;
IOL =1mA
0
−
0.3
V
VOH
HIGH level output voltage
I/O configured as output;
VCC =5or3V
IOH < −40 µA
0.75VCC
−
VCC + 0.25
V
IOH < −20 µA
0.8VCC
−
VCC + 0.25
V
VIL
LOW level input voltage
I/O configured as input
−0.3
−
0.8
V
VIH
HIGH level input voltage
I/O configured as input
1.5
−
VCC
V
IIL
input current LOW
VIL =0
−−
500
µA
ILI(H)
input leakage current
HIGH
VIH =VCC
−−
10
µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com