Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8029HL/C2 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA8029HL/C2
Description  Low power single card reader
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8029HL/C2 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA8029HL/C2 Datasheet HTML 1Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 2Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 3Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 4Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 5Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 6Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 7Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 8Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
2003 Oct 30
5
Philips Semiconductors
Product specification
Low power single card reader
TDA8029
5
ORDERING INFORMATION
6
BLOCK DIAGRAM
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA8029HL/C1
LQFP32
plastic low profile quad flat package; 32 leads; body 7
× 7 × 1.4 mm
SOT358-1
TDA8029HL/C2
handbook, full pagewidth
XTAL
OSCILLATOR
80C51
CONTROLLER
16 kbytes ROM
256 bytes RAM
TIMER 2
512 bytes XRAM
SUPPLY
SUPERVISOR
DC/DC
CONVERTER
ANALOG
DRIVERS
AND
SEQUENCER
INTERNAL
OSCILLATOR
TDA8029
CLOCK
CIRCUITRY
24-bit
ETU
COUNTER
ISO 7816
UART
CONTROL/
STATUS
REGISTERS
SAM
VDD
SAP SBM
SBP
PGND
VUP
P32/INT0_N
P33/INT1_N
GND
220 nF
CDEL
DCIN
10
µF
CLK
RST
CS
VCC
GNDC
I/O
PRES
29
20
27
26
23
22
21
31
32
25
24
1
2
30
5
28
6
3
14
15
19
17
4
TEST
XTAL2
8
7
10
12
9
11
16
18
13
XTAL1
P16
P17
P27
P26
P30/RX
P31/TX
EA_N
ALE
PSEN_N
RESET
SDWN_N
FCE869
Fig.1 Block diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com