Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8029HL/C2 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # TDA8029HL/C2
Description  Low power single card reader
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8029HL/C2 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button TDA8029HL/C2 Datasheet HTML 19Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 20Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 21Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 22Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 23Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 24Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 25Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 26Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 58 page
background image
2003 Oct 30
23
Philips Semiconductors
Product specification
Low power single card reader
TDA8029
Notes
1. Details on interaction with the UART behaviour in Power-down mode are described in Section 8.15.
2. Do not write logic 1s to reserved bits. These bits may be used in future 80C51 family products to invoke new features.
In that case, the reset or inactive value of the new bit will be logic 0, and its active value will be logic 1. The value
read from a reserved bit is indeterminate.
8.4.2
INTERRUPT PRIORITY (IP) REGISTER
Table 24 Interrupt priority register bits
Table 25 Description of register bits
Note
1. Do not write logic 1s to reserved bits. These bits may be used in future 80C51 family products to invoke new features.
In that case, the reset or inactive value of the new bit will be logic 0, and its active value will be logic 1. The value
read from a reserved bit is indeterminate.
8.4.3
INTERRUPT PRIORITY HIGH (IPH) REGISTER
Table 26 Interrupt priority high register bits
Table 27 Description of register bits
2
EX1
External interrupt 1 enable. EX1 = 1 enables the interrupt; EX1 = 0 disables the
interrupt.
1
ET0
Timer 0 interrupt enable. ET0 = 1 enables the interrupt; ET0 = 0 disables the interrupt.
0
EX0
External interrupt 0 enable. EX0 = 1 enables the interrupt; EX0 = 0 disables the
interrupt.
BIT
7
6
543210
Symbol
−−
PT2
PS
PT1
PX1
PT0
PX0
BIT
SYMBOL
DESCRIPTION
7 and 6
−
Not implemented. Reserved for future use; note 1.
5
PT2
Timer 2 interrupt priority. See Table 20.
4PS
Serial port interrupt priority. See Table 20.
3
PT1
Timer 1 interrupt priority. See Table 20.
2
PX1
External interrupt 1 priority. See Table 20.
1
PT0
Timer 0 interrupt priority. See Table 20.
0
PX0
External interrupt 0 priority. See Table 20.
BIT
7
6
543210
Symbol
−−
PT2H
PSH
PT1H
PX1H
PT0H
PX0H
BIT
SYMBOL
DESCRIPTION
7 and 6
−
Not implemented. Reserved for future use; note 1.
5
PT2H
Timer 2 interrupt priority. See Table 20.
4
PSH
Serial port interrupt priority. See Table 20.
3
PT1H
Timer 1 interrupt priority. See Table 20.
BIT
SYMBOL
DESCRIPTION(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com