Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8029HL/C2 Datasheet(PDF) 48 Page - NXP Semiconductors

Part # TDA8029HL/C2
Description  Low power single card reader
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8029HL/C2 Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button TDA8029HL/C2 Datasheet HTML 44Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 45Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 46Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 47Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 48Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 49Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 50Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 51Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 58 page
background image
2003 Oct 30
48
Philips Semiconductors
Product specification
Low power single card reader
TDA8029
12 CHARACTERISTICS
VDD =VDCIN = 3.3 V; Tamb =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VDD
supply voltage
2.7
−
6.0
V
VDCIN
input voltage for the
DC/DC converter
VDD
−
6.0
V
IDD(sd)
supply current in
shut-down mode
VDD = 3.3 V
−−
20
µA
IDD(pd)
supply current in
Power-down mode
VDD = 3.3 V; card inactive;
microcontroller in Power-down
mode
−−
110
µA
IDD(sl)
supply current in Sleep
mode
VDD = 3.3 V; card active at
VCC = 5 V; clock stopped;
microcontroller in Power-down
mode; ICC =0 µA
−−
675
µA
IDD(om)
supply current in operating
mode
ICC = 65 mA; fXTAL = 20 MHz;
fCLK = 10 MHz; 5 V card;
VDD = 2.7 V
−−
250
mA
ICC = 50 mA; fXTAL = 20 MHz;
fCLK = 10 MHz; 3 V card;
VDD = 2.7 V
−−
125
mA
ICC = 50 mA; fXTAL = 20 MHz;
fCLK = 10 MHz; 3 V card;
VDD =5V
−−
65
mA
Vth1
threshold voltage on VDD
(falling)
2.15
−
2.45
V
Vhys1
hysteresis on Vth1
50
−
170
mV
Vth2
threshold voltage on pin
CDEL
−
1.25
−
V
VCDEL
voltage on pin CDEL
−−
VDD + 0.3
V
ICDEL
output current at pin CDEL charge: pin grounded
−−2
−µA
discharge: VCDEL =VDD
−
2
−
mA
CCDEL
capacitance value
1
−−
nF
tW(alarm)
alarm pulse width
CCDEL =22nF
−
10
−
ms
Crystal oscillator: pins XTAL1 and XTAL2
fXTAL
crystal frequency
VDD =5V
4
−
27
MHz
VDD <3V
4
−
16
MHz
fext
external frequency applied
on XTAL1
0
−
25
MHz
VIH
HIGH level input voltage on
XTAL1
0.8VDD
−
VDD + 0.2
V
VIL
LOW level input voltage on
XTAL1
−0.3
−
0.2VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com