Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8029HL/C2 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # TDA8029HL/C2
Description  Low power single card reader
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8029HL/C2 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TDA8029HL/C2 Datasheet HTML 13Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 14Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 15Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 16Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 17Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 18Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 19Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 20Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 58 page
background image
2003 Oct 30
17
Philips Semiconductors
Product specification
Low power single card reader
TDA8029
Summary of baud rate equations: Timer 2 is in baud rate
generating mode. If timer 2 is being clocked through T2
(P1.0) the baud rate is:
(3)
If timer 2 is being clocked internally, the baud rate is:
(4)
To obtain the reload value for RCAP2H and RCAP2L, the
above equation can be rewritten as:
(5)
Where fosc = oscillator frequency.
Baud rate
Timer 2 overflow rate
16
--------------------------------------------------------
=
Baud rate
Oscillator frequency
32
65536
RCAP2H, RCAP2L
()
–
[]
×
------------------------------------------------------------------------------------------------
=
RCAP2H, RCAP2L
65536
f
osc
32
baud rate
×
--------------------------------------
–
=
handbook, full pagewidth
MGW425
TR2
TL2
(8-bit)
TH2
(8-bit)
RCAP2L
EXF2
RCAP2H
reload
SMOD
RCLK
TCLK
10
0
Timer 1
overflow
1
10
transition
detector
control
control
Note availability of additional external interrupt
note fosc is divided by 2, not 12
Timer 2
interrupt
RX clock
T2EX
EXEN2
÷2
÷16
TX clock
÷16
÷2
C/T2 = 0
C/T2 = 1
T2
OSC
Fig.5 Timer 2 in baud rate generator mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com