Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8029HL/C2 Datasheet(PDF) 51 Page - NXP Semiconductors

Part # TDA8029HL/C2
Description  Low power single card reader
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8029HL/C2 Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button TDA8029HL/C2 Datasheet HTML 47Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 48Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 49Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 50Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 51Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 52Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 53Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 54Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 58 page
background image
2003 Oct 30
51
Philips Semiconductors
Product specification
Low power single card reader
TDA8029
ti(r), ti(f)
input rise and fall times
CL ≤ 60 pF
−−
1
µs
to(r), to(f)
output rise and fall times
CL ≤ 60 pF
−−
0.1
µs
Rpu
internal pull-up resistance
between I/O and VCC
11
14
17
k
Ω
tedge
width of active pull-up
pulse
I/O configured as output,
rising from LOW to HIGH
1/2fXTAL1
−
1/3fXTAL1
ns
Iedge
current from I/O when
active pull-up
VOH = 0.9 VCC; C = 60 pF
−1
−−
mA
Timings
tact
activation sequence
duration
−−
130
µs
tde
deactivation sequence
duration
−−
100
µs
Protections and limitations
ICC(sd)
shut-down and limitation
current at VCC
−−100
−
mA
II/O(lim)
limitation current on I/O
−15
−
+15
mA
ICLK(lim)
limitation current on CLK
−70
−
+70
mA
IRST(sd)
shut-down current on RST
−−20
−
mA
IRST(lim)
limitation current on RST
−20
−
+20
mA
Tsd
shut-down temperature
−
150
−°C
Card presence input: pin PRES
VIL
LOW level input voltage
−−
0.3VDD
V
VIH
HIGH level input voltage
0.7VDD
−−
V
ILI(L)
input leakage current LOW VI =0
−20
−
+20
µA
ILI(H)
input leakage current
HIGH
VI =VDD
−20
−
+20
µA
Shut-down input: pin SDWN_N
VIL
LOW level input voltage
−−
0.3VDD
V
VIH
HIGH level input voltage
0.7VDD
−−
V
ILI(L)
input leakage current LOW VI =0
−20
−
+20
µA
ILI(H)
input leakage current
HIGH
VI =VDD
−20
−
+20
µA
General purpose I/O: pins P16, P17, P26, P27, INT1_N, RX and TX
VIL
LOW level input voltage
−−
0.2VDD
V
VIH
HIGH level input voltage
0.2VDD + 0.9
−−
V
VOL
output voltage LOW
IOL = 1.6 mA
−−
0.4
V
VOH
output voltage HIGH
IOH = −30 µAVDD − 0.7
−−
V
IIL
input current LOW
VI = 0.4 V
−1
−−50
µA
ITHL
HIGH to LOW transition
current
VI =2V
−−
−650
µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com