Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8029HL/C2 Datasheet(PDF) 37 Page - NXP Semiconductors

Part # TDA8029HL/C2
Description  Low power single card reader
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8029HL/C2 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button TDA8029HL/C2 Datasheet HTML 33Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 34Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 35Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 36Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 37Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 38Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 39Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 40Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 58 page
background image
2003 Oct 30
37
Philips Semiconductors
Product specification
Low power single card reader
TDA8029
Table 57 Description of register bits
BIT
SYMBOL
DESCRIPTION
7
ENINT1
Enable INT1. If ENINT1 = 1, a HIGH to LOW transition on pin INT1_N will
wake-up the TDA8029 from the Power-down mode. Note that in case of
reception of a character when in Power-down mode, the start of the frame
will be lost. When not in Power-down mode ENINT1 has no effect. For
details on Power-down mode see Section 8.15.
6
DISTBE/RBF
Disable TBE/RBF interrupts. If DISTBE/RBF is set, then reception or
transmission of a character will not generate an interrupt. This feature is
useful for increasing communication speed with the card; in this case, the
copy of TBE/RBF bit within MSR must be polled, and not the original, in
order not to loose priority interrupts which can occur in USR.
5
−
Not used.
4
ENRX
Enable RX. If ENRX = 1, a HIGH to LOW transition on pin RX will wake-up
the TDA8029 from the Power-down mode. Note that in case of reception of
a character when in Power-down mode, the start of the frame will be lost.
When not in Power-down mode ENRX has no effect. For details on
Power-down mode see Section 8.15.
3
SAN
Synchronous/Asynchronous. SAN is set by software if a synchronous
card is expected. The UART is then bypassed and only bit 0 in registers
URR and UTR is connected to pin I/O. In this case the clock is controlled by
bit SC in register CCR.
2
AUTOCONV
Automatic set convention. If AUTOCONV = 1, then the convention is set
by software using bit CONV in register UCR1. If AUTOCONV = 0, then the
configuration is automatically detected on the first received character whilst
the start session (bit SS) is set. AUTOCONV must not be changed during a
card session.
1
CKU
Clock Unit. For baud rates other than those given in Table 58, there is the
possibility to set bit CKU = 1. In this case, the ETU will last half the number
of card clock cycles equal to prescaler PDR. Note that bit CKU = 1 has no
effect if fCLK =fXTAL. This means, for example, that 76800 baud is not
possible when the card is clocked with the frequency on pin XTAL1.
0
PSC
Prescaler value. If PSC = 1, then the prescaler value is 32; if PSC = 0,
then the prescaler value is 31. One ETU will last a number of card clock
cycles equal to prescaler
× PDR. All baud rates specified in ISO 7816 norm
are achievable with this configuration. See Fig.10 and Table 58.
handbook, full pagewidth
FCE872
÷ 31 OR 32
÷ PDR
ETU
MUX
CLK
CKU
2
× CLK
Fig.10 ETU generation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com