Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8029HL/C2 Datasheet(PDF) 53 Page - NXP Semiconductors

Part # TDA8029HL/C2
Description  Low power single card reader
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8029HL/C2 Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button TDA8029HL/C2 Datasheet HTML 49Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 50Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 51Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 52Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 53Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 54Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 55Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 56Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 58 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
10
µF
(16 V)
C9
C10
100 nF
C12
220 nF
C7
100 nF
C11
220 nF
220 nF
C8
C2
22 pF
C1
22 pF
14.745
MHz
Y1
TDA8029
FCE873
1
2
3
4
5
6
7
8
9
10111213141516
32
SHUTDOWN
P16
P17
RX
TX
INT1
RESET
P26
P27
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
R1
C3
100
nF
CARD READ UNIT
C5I
C6I
C7I
C8I
C1I
C2I
C3I
C4I
K1
K2
10
µF
(16 V)
100 nF
C5
22 nF
C6
C4
P17
P16
VDD
VDD
VDD
VDD
GND
SDWN_N
CDEL
I/O
PRES
P27
GNDC
PRES
I/O
CLK
VCC
RST
PSEN_N
ALE
EA_N
TEST
SAM
PGND
SBM
VDCIN
Fig.13 Application diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com