Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8029HL/C2 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # TDA8029HL/C2
Description  Low power single card reader
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8029HL/C2 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button TDA8029HL/C2 Datasheet HTML 23Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 24Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 25Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 26Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 27Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 28Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 29Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 30Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 58 page
background image
2003 Oct 30
27
Philips Semiconductors
Product specification
Low power single card reader
TDA8029
8.8
Mask ROM devices
When none of the security bits SB1 and SB2 are
programmed, the code in the program memory can be
verified. If the encryption table is programmed, the code
will be encrypted when verified. When only security bit 1 is
programmed, MOVC instructions executed from external
program memory are disabled from fetching code bytes
from the internal memory. When security bits SB1 and SB2
are programmed, in addition to the above, verify mode is
disabled.
The 64 bytes of the encryption array are initially not
programmed (all logic 1s).
Table 31 Program security bits for TDA8029
Note
1. Any other combination of the security bits is not
defined.
8.9
ROM code submission for 16 kbytes ROM
device TDA8029
When submitting ROM code for 16 kbytes ROM devices,
the following must be specified:
• 16 kbyte user ROM data
• 64 byte ROM encryption key
• ROM security bits.
8.10
Smart card reader control registers
The TDA8029 has one analog interface for five contacts
cards. The data to or from the card are fed into an ISO
UART.
The Card Select Register (CSR) contains a bit for resetting
the ISO UART (logic 0 = active). This bit is reset after
power-on, and must be set to logic 1 before starting any
operation. It may be reset by software when necessary.
Dedicated registers allow to set the parameters of the ISO
UART:
• Programmable Divider Register (PDR)
• Guard Time Register (GTR)
• UART Control Registers (UCR1 and UCR2)
• Clock Configuration Register (CCR).
The parameters of the ETU counters are set by:
• Time-Out Configuration register (TOC)
• Time-Out Registers (TOR1, TOR2 and TOR3).
The Power Control Register (PCR) is a dedicated register
for controlling the power to the card.
When the specific parameters of the card have been
programmed, the UART may be used with the following
registers:
• UART Receive and Transmit Registers (URR and UTR)
• UART Status Register (USR)
• Mixed Status Register (MSR).
In reception mode, a FIFO of 1 to 8 characters may be
used, and is configured with the FIFO Control Register
(FCR). This register is also used for the automatic
retransmission of NAKed characters in transmission
mode.
The Hardware Status Register (HSR) gives the status of
the supply voltage, the hardware protections, the SDWN
request and the card movements.
USR and HSR give interrupts on INT0_N when some of
their bits have been changed.
MSR does not give interrupts, and may be used in polling
mode for some operations. For this use, the bit TBE/RBF
within USR may be masked.
A 24-bit time-out counter may be started for giving an
interrupt after a number of ETU programmed in registers
TOR1, TOR2 and TOR3. It will help the controller for
processing different real time tasks (ATR, WWT, BWT,
etc.) mainly if controllers and card clock are asynchronous.
This counter is configured with register TOC, that may be
used as a 24-bit or as a 16-bit + 8-bit counter. Each
counter may be set for starting to count once data written,
on detection of a start bit on I/O, or as auto-reload.
LOCK BIT
PROGRAMMED(1)
PROTECTION DESCRIPTION
SB1
SB2
no
no
no program security features
enabled. If the encryption array is
programmed, code verify will be
encrypted.
yes
no
MOVC instructions executed from
external program memory are
disabled from fetching code bytes
from internal memory
yes
yes
same as above, also verify is
disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com