Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8029HL/C2 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # TDA8029HL/C2
Description  Low power single card reader
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8029HL/C2 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button TDA8029HL/C2 Datasheet HTML 32Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 33Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 34Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 35Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 36Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 37Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 38Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 39Page - NXP Semiconductors TDA8029HL/C2 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 58 page
background image
2003 Oct 30
36
Philips Semiconductors
Product specification
Low power single card reader
TDA8029
8.10.3
CARD REGISTERS
When working with a card, the following registers are used for programming some specific parameters.
8.10.3.1
Programmable Divider Register (PDR)
This register is used for counting the card clock cycles forming the ETU. It is an auto-reload 8 bits counter counting from
the programmed value down to 0.
Table 54 Programmable divider register, address 2h, read and write
Table 55 Description of register bits
8.10.3.2
UART Configuration Register 2 (UCR2)
Table 56 UART configuration register 2, address 3h, read and write
2OVR
Overrun. OVR = 1 if the UART has received a new character whilst URR was full. In this
case, at least one character has been lost.
1
FER
Framing Error. FER = 1 when I/O was not in high-impedance state at 10.25 ETU after a
start-bit. It is reset when USR has been read.
0
TBE/RBF
Transmit Buffer Empty/Receive Buffer Full. TBE and RBF share the same bit within
register USR: when in transmission mode the relevant bit is TBE; when in reception
mode it is RBF.
TBE = 1 when the UART is in transmission mode and when the microcontroller may write
the next character to transmit in register UTR. It is reset when the microcontroller has
written data in the transmit register or when bit T/R in register UCR1 has been reset
either automatically or by software. After detection of a parity error in transmission, it is
necessary to wait 13.5 ETU before rewriting the character which has been NAKed by the
card (manual mode, see Table 51).
RBF = 1 when register FIFO is full. The microcontroller may read some of the characters
in register URR, which clears bit RBF.
BIT
7
6
543210
Symbol
PD7
PD6
PD5
PD4
PD3
PD2
PD1
PD0
Reset value
0
0
0
00000
BIT
SYMBOL
DESCRIPTION
7 to 0
PD[7:0]
Programmable divider value.
BIT
7
6
5
4
3
2
1
0
Symbol
ENINT1
DISTBE/
RBF
−
ENRX
SAN
AUTOCONV
CKU
PSC
Reset value
0
0000
0
0
0
BIT
SYMBOL
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com