Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83266 Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 21Page - National Semiconductor (TI) DP83266 Datasheet HTML 22Page - National Semiconductor (TI) DP83266 Datasheet HTML 23Page - National Semiconductor (TI) DP83266 Datasheet HTML 24Page - National Semiconductor (TI) DP83266 Datasheet HTML 25Page - National Semiconductor (TI) DP83266 Datasheet HTML 26Page - National Semiconductor (TI) DP83266 Datasheet HTML 27Page - National Semiconductor (TI) DP83266 Datasheet HTML 28Page - National Semiconductor (TI) DP83266 Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 152 page
background image
50 Functional Description (Ring Engine) (Continued)
Additionally only the station that sets the A Indicator is per-
mitted to set the C Indicator on such frames In this way the
station that sends out the NSA frame can determine if the
next addressed station copied the frame by examining the
returning C Indicator
57 MAC FRAME PROCESSING
Upon the reception of a valid MAC frame (Claim Beacon or
Other) the Ring
Operational flag is reset and the Ring En-
gine enters the Idle Claim or Beacon State Received Claim
and Beacon frames are processed as defined in the MAC
Standard unless explicitly inhibited by the bits in the Option
Register (eg Inhibit Recovery Required)
571 Claim Token Process
Receive
When a Claim frame is received its Frame Type is reported
(Claim frame) along with the type of Claim frame
There are three types of Claim frames My
Claim Higher
Claim and Lower
Claim
AMy
Claim frame is a Claim frame with a Source Address
that matches this station address and the T
Bid
Rc in the
INFO field is equal to this station’s TREQ
A Higher
Claim frame is a Claim frame with a Source Ad-
dress that does not match this station address and the
T
Bid
Rc in the INFO field is greater than this station’s
TREQ
A Lower
Claim frame is a Claim frame with a Source Ad-
dress that does not match this station address and the
T
Bid
Rc in the INFO field is smaller than this station’s
TREQ
Transmit
Claim frames are transmitted continuously while in the
Tx
Claim State
Claim frames are generated by the Ring Engine unless an
Immediate Claim Request is present at the MAC Request
Interface Even if an Immediate Claim Request is present at
the MAC Request Interface at least one Claim frame must
be generated by the Ring Engine before Claim frames from
the Interface are transmitted
For internally generated Claim frames the Information field
is transmitted as the 4-byte Requested Target Token Rota-
tion Time
The Information field of a Claim frame consists of this sta-
tion’s Requested Target Token Rotation Time In the Ring
Engine implementation
TREQ is programmable with a
2048 ms resolution and a maximum value of 134 seconds
Claim Protocol
Entry to the Tx
Claim state occurs whenever token recov-
ery is required The Recovery Required condition occurs
when
 TRT expires and Late Flag is set
 TVX expires
 A Lower Claim frame or My Beacon frame is received
Entry to the TX
Claim state may be blocked by enabling
the Inhibit Recovery Required option (bit OptionIRR)
The Tx
Claim state is entered (even if OptionIRR e 1)
with an SM
MA
Controlrequest(Claim) which is accom-
plished by setting FunctionCLM to 1
While in the Tx
Claim state
 Claim frames are transmitted continuously
 If a Higher Claim frame is received the station exits the
Claim state and enters the IDLE state In this state it then
repeats additional Higher
Claim frames
 If a Lower Claim frame is received this station contin-
ues to send its own Claim frames and remains in the
Claim state
Eventually if a logical ring exists the station with the short-
est TREQ on the ring should receive its own Claim frames
the My
Claim frame This completes the Claim Token Pro-
cess This one station then earns the right to issue a token
to establish an Operational ring
An option is provided to remain in the Claim state if this
station won the Claim Token Process by enabling the Inhibit
Token Release Option (bit OptionIRR)
572 Beacon Process
Receive
When a Beacon frame is received its Frame Type is report-
ed (Beacon frame) along with the type of Beacon frame
There are two types of Beacon frames My
Beacon and
Other
Beacon
A Beacon frame is considered a My
Beacon if its Source
Address matches this station’s address (long or short)
A Beacon frame is marked as Other
Beacon if its Source
Address does not match this station’s address
Transmit
Beacon frames are transmitted continuously while in the
Tx
Beacon state
Beacon frames are generated by the Ring Engine unless an
Immediate Beacon Request is present at the MAC Request
Interface Even if an Immediate Beacon Request is present
at the MAC Request Interface at least one Beacon frame
must be generated by the Ring Engine before Beacon
frames from the Interface are transmitted
For internally generated Beacon frames the Ring Engine
uses the TBT in the Information field
Beacon Protocol
Entry to the Tx
Beacon state occurs under two conditions
 A failed Claim Process (TRT expires during the Claim
process)
 An SM MA Controlrequest(Beacon) which is accom-
plished by setting FunctionBCN to 1)
Beacon frames are then transmitted until the Beacon pro-
cess is completed
If an Other
Beacon frame is received this station exits the
Beacon state stops sending its own Beacon frames and
repeats the incoming Beacon frames
IfaMy
Beacon frame is received the station has received
back its own Beacon frame thus successfully completing
the Beacon process The station then enters the Claim Pro-
cess
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com