Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83266 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 14Page - National Semiconductor (TI) DP83266 Datasheet HTML 15Page - National Semiconductor (TI) DP83266 Datasheet HTML 16Page - National Semiconductor (TI) DP83266 Datasheet HTML 17Page - National Semiconductor (TI) DP83266 Datasheet HTML 18Page - National Semiconductor (TI) DP83266 Datasheet HTML 19Page - National Semiconductor (TI) DP83266 Datasheet HTML 20Page - National Semiconductor (TI) DP83266 Datasheet HTML 21Page - National Semiconductor (TI) DP83266 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 152 page
background image
40 FDDI MAC Facilities (Continued)
Each time the token arrives a station is permitted to trans-
mit one or more frames in accordance with its synchronous
bandwidth allocation regardless of the status of the token
(late or early Restricted or Non-Restricted)
Since the Ring Engine does not provide a mechanism for
monitoring a station’s synchronous bandwidth utilization
the user must insure that no synchronous request requires
more than the allocated bandwidth
To help ensure that synchronous bandwidth is properly allo-
cated after ring configuration synchronous requests are not
serviced after a Beacon frame is received After a major
reconfiguration has occurred management software must
intervene to verify or modify the current synchronous band-
width allocation
452 Non-Restricted Asynchronous Service Class
The Non-Restricted Asynchronous service class is typically
used with interactive and background traffic Non-Restricted
Asynchronous requests are serviced only if the token is ear-
ly and the Token Holding Timer has not reached the select-
ed threshold
Asynchronous service is available at two priority thresholds
the Negotiated Target Token Rotation Time plus one pro-
grammable threshold Management software may use the
priority thresholds to discriminate additional classes of traf-
fic based on current loading characteristics of the ring The
priority thresholds may be determined using the current
TTRT and the Ring Latency In this case application soft-
ware is only concerned with the priority level of a request
As an option Asynchronous Requests may be serviced with
THT disabled This is useful when it is necessary to guaran-
tee that a multi-frame request will be serviced on a single
token opportunity Because of the possibility of causing late
tokens this capability should be used with caution and
should only be allowed when absolutely necessary
453 Restricted Asynchronous Service Class
The Restricted Asynchronous service class is useful for
large transfers requiring all of the available Asynchronous
bandwidth The Restricted Token service is useful for large
transfers requiring all of the available (remaining) asynchro-
nous bandwidth
The Restricted Token service may also be used for opera-
tions requiring instantaneous allocation of the remaining
synchronous bandwidth when Restricted Requests are
serviced with THT disabled This is useful when it is neces-
sary to guarantee atomicity ie that a multi-frame request
will be serviced on a single token opportunity
A Restricted dialogue consists of three phases
1 Initiation of a Restricted dialogue
 Capture a Non-restricted Token
 Transmit zero or more frames to establish a Restricted
dialogue with other stations
 Issue a Restricted Token to allow other stations in the
dialogue to transmit frames
2 Continuation of a Restricted dialogue
 Capture a Restricted Token
 Transmit zero or more frames to continue the Restrict-
ed dialogue
 Issue a Restricted Token to allow other stations in the
dialogue to transmit frames
3 Termination of a Restricted dialogue
 Capture a Restricted Token
 Transmit zero or more frames to continue the Restrict-
ed dialogue
 Issue a Non-Restricted Token to return to the Non-Re-
stricted service class
Initiation of a Restricted dialogue will prevent all Non-Re-
stricted Asynchronous traffic throughout the ring for the du-
ration of the dialogue but will not affect Synchronous traffic
To ensure that the Restricted traffic is operating properly it
is possible to monitor the use of Restricted Tokens on the
ring When a Restricted Token is received the event is
latched and under program control may generate an inter-
rupt In addition a request to begin a Restricted dialogue
will only be honored if both the previous transmitted Token
and the current received Token were Non-Restricted to-
kens This is to ensure that the upper bound on the pres-
ence of a Restricted dialogue in the ring is limited to a single
dialogue
As suggested by the MAC-2 standard to help ensure that
only one Restricted dialogue will be in progress at any given
time Restricted Requests are not serviced after a MAC
frame is received until Restricted Requests are explicitly en-
abled by management software Since the Claim process
results in the generation of a Non-restricted Token this pre-
vents stations from initiating another restricted dialogue
without the intervention of management software
454 Immediate Service Class
The Immediate Service Class facilitates several non-stan-
dard applications and is useful in ring failure recovery (eg
Transmission of Directed Beacons) Certain ring failures
may cause the ring to be unusable for normal traffic until
the failure is remedied
Immediate requests are only serviced when the ring is non-
operational Immediate requests may be serviced from the
Transmitter Data Claim and Beacon States Options are
available to force the Ring Engine to enter the Claim or
Beacon State to prohibit it from entering the Claim State or
to remain in the Claim State when receiving My
Claim
On the completion of an Immediate request a Token (Non-
restricted or Restricted) may optionally be issued Immedi-
ate requests may also be used in non-standard applications
such as a full duplex point to point link
50 Functional Description
(Ring Engine)
51 TOKEN HANDLING
511 Token Timing Logic
The FDDI Ring operates based on the Timed Token Rota-
tion protocol where all stations on the ring negotiate for the
maximum time that the stations have to wait before being
able to transmit frames This value is termed the Negotiated
Target Token Rotation Time (TTRT) The TTRT value is
stored in the TNEG Register
Stations negotiate for TTRT based on their TREQ that is
assigned to them upon initialization
Each station keeps track of the token arrival by setting the
Token Rotation Timer (TRT) to the TTRT value If the token
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com