Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83266 Datasheet(PDF) 64 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 64 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 60Page - National Semiconductor (TI) DP83266 Datasheet HTML 61Page - National Semiconductor (TI) DP83266 Datasheet HTML 62Page - National Semiconductor (TI) DP83266 Datasheet HTML 63Page - National Semiconductor (TI) DP83266 Datasheet HTML 64Page - National Semiconductor (TI) DP83266 Datasheet HTML 65Page - National Semiconductor (TI) DP83266 Datasheet HTML 66Page - National Semiconductor (TI) DP83266 Datasheet HTML 67Page - National Semiconductor (TI) DP83266 Datasheet HTML 68Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 152 page
background image
70 Control Information (Continued)
Token and Timer Event Latch Register 0 (TELR0)
The Token and Timer Event Latch Register 0 (TELR0) informs software of time expirations of the Token Rotation Timer (TRT)
and Valid Transmission Timer (TVX) The TELR0 Register also reports token events such as duplicate token detection restrict-
ed token reception and general token capture and release The completion of the Ring Latency measurement is also indicated
in the TELR0 Register Each bit may be masked via the Token and Timer Event Mask Register (TEMR0)
Access Rules
Address
Read
Write
014h
Always
Conditional
Register Bits
D7
D6
D5
D4
D3
D2
D1
D0
RLVD
TKPASS
TKCAPT
CBERR
DUPTKR
TRTEXP
TVXEXP
ENTRMD
Bit
Symbol
Description
D7
RLVD
Ring Latency Valid
0 This bit is set to Zero to request a new latency value from the Ring Engine The Ring Latency count is set
to zero before each measurement
1 This bit is set to One when the Ring Latency measurement is complete
This bit is written unconditionally and is not protected by the Compare Register Note that if a duplicate of this
station’s MAC address exisits on the ring the Ring Latency Measurement will not complete The Ring Engine
will restart the Ring Latency Measurement on each early Token arrival
D6
TKPASS
Token Passed
Indicates that a valid token has been passed (without capturing it) or has been issued after a
service opportunity
D5
TKCAPT
Token Captured
Indicates that a token has been captured
D4
CBERR
Claim andor Beacon Error
Indicates that the Claim andor Beacon Process failed because TRT expired
while the Transmitter was in the Claim or Beacon state
D3
DUPTKR
Duplicate Token Received
Indicates that a valid token was received while the Transmitter was in the
Transmit Data or Issue Token state
D2
TRTEXP
TRT Expired
Indicates that a valid token was not received within 2 TNEG
D1
TVXEXP
TVX Expired
Indicates that a valid frame or token was not received in TVX time
D0
ENTRMD
Enter Restricted Mode
Indicates that a Restricted Token was received and that the R
Flag transitions
from0to1
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com