Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83266 Datasheet(PDF) 51 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 51 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 47Page - National Semiconductor (TI) DP83266 Datasheet HTML 48Page - National Semiconductor (TI) DP83266 Datasheet HTML 49Page - National Semiconductor (TI) DP83266 Datasheet HTML 50Page - National Semiconductor (TI) DP83266 Datasheet HTML 51Page - National Semiconductor (TI) DP83266 Datasheet HTML 52Page - National Semiconductor (TI) DP83266 Datasheet HTML 53Page - National Semiconductor (TI) DP83266 Datasheet HTML 54Page - National Semiconductor (TI) DP83266 Datasheet HTML 55Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 152 page
background image
70 Control Information (Continued)
Control Registers
The Control Registers are used to configure and control the
operation of the MACSI device
The Control Registers include the following registers
 MAC Mode Registers (MCMR2–0) establish the major
operating parameters for the MAC portion of the MACSI
device
 Option Register (Option) selects major configuration
options for the MAC portion of the device
 Function Register (Function) initiates major MAC level
functions
 MAC Revision (MCRev) this register contains the silicon
revision code for the MAC state machines of this device
 System Interface Mode Registers (SIMR1–0) estab-
lishes major operating parameters for the System Inter-
face
 Pointer RAM Control and Address Register (PCAR) is
used to program the parameters for the PTOP (Pointer
RAM Operation) service function
 Mailbox Address Register (MBAR) is used to program
the memory address of the mailbox used in the data
transfer of the PTOP service function
 Limit Address Register (LAR) is used to program the
parameters and data used in the LMOP (Limit RAM Op-
eration) service function
 Limit Data Register (LDR) is used to program the data
used in the LMOP service function
 Request Channel 0 Configuration Registers (R0CR1–
0)
are used to program the operational parameters for
Request Channel 0
 Request Channel 1 Configuration Registers (R1CR1–
0)
are used to program the operational parameters for
Request Channel 1
 Request Channel 0 Expected Frame Status Register
(R0EFSR)
defines the expected frame status for frames
being confirmed on Request Channel 0
 Request Channel 1 Expected Frame Status Register
(R1EFSR)
defines the expected frame status for frames
being confirmed on Request Channel 1
 Indicate Threshold Register (ITR) is used to specify a
maximum number of frames that can be copied onto an
Indicate Channel before a breakpoint is generated
 Indicate Mode Configuration Register (IMCR) speci-
fies how the incoming frames are sorted onto Indicate
Channels enables frame filtering and enables break-
points on various burst boundaries
 Indicate Copy Configuration Register (ICCR) is used
to program the copy criteria for each of the Indicate
Channels
 Indicate Header Length Register (IHLR) defines the
length of the frame header for use with the HeaderInfo
Sort Mode
Event Registers
The Event Registers record the occurrence of events or
series of events Events are recorded and contribute to gen-
erating Interrupt signals There is a two-level hierarchy in
generating this signal as shown in
Figure 7-1
TLF11705 – 17
FIGURE 7-1 Event Registers Hierarchy
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com