Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83266 Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 27Page - National Semiconductor (TI) DP83266 Datasheet HTML 28Page - National Semiconductor (TI) DP83266 Datasheet HTML 29Page - National Semiconductor (TI) DP83266 Datasheet HTML 30Page - National Semiconductor (TI) DP83266 Datasheet HTML 31Page - National Semiconductor (TI) DP83266 Datasheet HTML 32Page - National Semiconductor (TI) DP83266 Datasheet HTML 33Page - National Semiconductor (TI) DP83266 Datasheet HTML 34Page - National Semiconductor (TI) DP83266 Datasheet HTML 35Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 152 page
background image
60 Functional Description (Service Engine) (Continued)
TLF11705 – 8
FIGURE 6-2 MACSI Device External Matching Interface Timing
Note that this design allows ECIP to be a positive or nega-
tive pulse To confirm frames in this mode (typically with
Source Address Transparency enabled) EM must be as-
serted within the same timeframe as ECOPY
The Ring Engine samples EA two byte-times after the end
delimiter (ED) is passed between the PLAYERa device and
the MACSI device If EA is asserted the MACSI device will
transmit the A Indicator as an S The Ring Engine samples
EM continuously and will begin to strip a frame three byte-
times after the assertion of EM This implies that the user
must ground EM if not used The Ring Engine does not use
the ECIP timing signal
It is important to note that ECIP functions as an indicator to
the internal MACSI device Indicate Machine to hold off the
copying of incoming data until the ECIP line is negated
Therefore even if a design does not intend to take advan-
tage of the MACSI device External Address Matching inter-
face the user must still ensure that the ECIP signal line is
properly negated Also important is the fact that the MACSI
device samples the ECIP signal line in order to detect just
two conditions It looks at whether ECIP is asserted at any
time during the period between the start delimiter (JK) and
the 6th byte of the INFO field and then waits until the deas-
sertion of ECIP at which point the MACSI device samples
the ECOPY and EM signal lines for their status on this par-
ticular frame
In the timing diagram (see
Figure 6-2 ) the specific cycles
shown for the assertion and deassertion of ECIP comprise
only one possible valid timing Other timings are valid as
well within the limits of the timing parameters to be de-
scribed below Shaded areas indicate cycles where the
MACSI device is not sampling the signal lines for this partic-
ular pattern Note that the sampling of ECIP is level sensi-
tive and synchronous with LBC1
Note that there are five timing parameters (T1 – T5) T1 and
T3 are limits as to when the initial assertion of ECIP will be
recognized Once ECIP is asserted T2 T4 and T5 become
timing limits on the deassertion of ECIP Once deasserted
ECIP is not sampled further (until the start of the next
frame)
T1 is the earliest cycle where the assertion of ECIP will be
recognized ECIP may be asserted earlier than this but the
MACSI device will not sample it during these earlier periods
T1’s timing is fixed as the fourth cycle following the FC data
byte at the PLAYERa MACSI interface
T2 is the earliest cycle where the deassertion of ECIP will be
recognized This can occur as soon as one cycle following
ECIP’s assertion ECIP needs to be asserted for a minimum
of one full clock cycle
T3 is the latest cycle where the initial assertion of ECIP will
still be recognized T3 must occur before the 6th byte of the
INFO field not afterward If ECIP is asserted later than this
cycle an external match will not be recognized ie
the
frame will be copied only if it is an internal match When
ECIP is not asserted until after T3 it is not recognized This
is the only case where maintaining ECIP’s assertion during
the frame will have no effect at all
T4 is the latest cycle where the deassertion of ECIP will be
recognized in ‘‘regular’’ fashion That is if ECIP is held as-
serted beyond T4 a special case is created within the MAC-
SI device when the external compare has persisted to the
point where it takes precedence over all other copy modes
In this case all frames which are copied regardless of
whether it was an external match internal match or SMT
frame are copied to ICHN2 Note that even if an internal
match has already occurred ECIP must still become deas-
serted for the frame copy to complete
It is important to note that the timing shown for T4 is depen-
dent on the setting of the SMLB bit of the MACSI device’s
System Interface Mode Register 0 (SIMR0) The timing
shown in
Figure 6-2 is for frame copies in small-burst mode
only T4 signifies the boundary condition internal to the
MACSI device where the first full burst of data has been
received The ABus write access for this data will then auto-
matically default to ICHN2 if an external copy decision is still
pending regardless of sort mode When the SMLB bit is
not set ie in large burst mode T4 would occur 16 cycles
later than shown in
Figure 6-2
T5 is the final cycle where the deassertion of ECIP can be
recognized and it occurs two cycles after the end delimiter
(ED) is transferred between the PLAYERa and MACSI de-
vices If ECIP is held high beyond this point the frame will
not be copied at all even if an internal match occurred
Note that this is true even if InternalExternal sorting is not
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com