Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83266 Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 24Page - National Semiconductor (TI) DP83266 Datasheet HTML 25Page - National Semiconductor (TI) DP83266 Datasheet HTML 26Page - National Semiconductor (TI) DP83266 Datasheet HTML 27Page - National Semiconductor (TI) DP83266 Datasheet HTML 28Page - National Semiconductor (TI) DP83266 Datasheet HTML 29Page - National Semiconductor (TI) DP83266 Datasheet HTML 30Page - National Semiconductor (TI) DP83266 Datasheet HTML 31Page - National Semiconductor (TI) DP83266 Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 152 page
background image
60 Functional Description (Service Engine) (Continued)
With High-priorityLow-priority sorting high-priority asyn-
chronous frames are sorted onto Indicate Channel 1 and
low-priority asynchronous frames are sorted onto Indicate
Channel 2 The most-significant bit of the three-bit priority
field within the FC field determines the priority This Mode is
intended for end stations using two priority levels of asyn-
chronous transmission Synchronous frames are sorted to
Indicate Channel 1 in this mode
With ExternalInternal sorting frames matching the internal
address (Individual or Group addresses in the MACSI de-
vice) are sorted onto Indicate Channel 1 and frames match-
ing an external address (when the ECOPY input is asserted)
are sorted onto Indicate Channel 2 Note that under some
conditions it is possible to sort internal address match and
SMTMAC frames to Indicate Channel 2 Please see Sec-
tion 63 for full details on the External Matching Interface
This sort mode is intended for bridges or ring monitors
which would use the ECIPECOPYEM pins with external
address matching circuitry However designers should be
aware of the functioning of the ECIP pin even if external
matching will not be used If ECIP is left in an improper state
(eg floating or tied high) it will affect the operation of the
MACSI device even when ExternalInternal sorting is not
enabled
With the HeaderInfo Sort Mode Indicate Channels 1 and 2
receive all non-MACSMT frames that are to be copied but
between them split the frame header (whose length is user-
defined) and the remaining portions of the frame (Info) Indi-
cate Channel 1 copies the initial bytes up until the host-de-
fined header length is reached The remainder of the
frame’s bytes are copied onto Indicate Channel 2 Only one
IDUD stream is produced (on Indicate Channel 1) but both
Pool Space Pointer (PSP) Queues are used to determine
where the IDUs will be written When a multi-part IDUD is
produced the Indicate Status field is used to determine
which parts point to the header and which point to the Info
This Mode is intended for high-performance protocol pro-
cessing applications
The Indicate Machine filters identical MAC and SMT frames
when the SKIP bit in the Indicate Mode Register is set and
the Indicate Configuration Register’s Copy Control field (2
bits) for Indicate Channel 0 is set to 01 or 10
Received frames are copied to memory based on the
AFLAG MFLAG ECIP ECOPY and EM input signals from
external address matching logic control signals from the
Ring Engine as well as the Indicate Channel’s Copy Control
field Received frames are written as a series of Input Data
Units to the current Indicate memory page defined by the
host via a PSP Each frame is aligned to the start of a cur-
rently-defined burst-size memory block (16 or 32 bytes as
programmed in the Mode Register’s SMLB bit) The first
word written contains four copies of the FC byte The IDUD
pointer points to the last FC byte so that host software sees
only a single FC byte as expected The extra FC bytes have
the advantage of causing the INFO field to be aligned to a
32-bit word boundary The format differs according to the
setting of the Mode Register’s BIGEND (Big Endian) bit as
shown in
Figure 6-1
Byte 0
Byte 3
Bit 31
Bit 0
Big Endian Indicate Data Unit Format
FC
FC
FC
FC
DA0
DA1
SA0
SA1
Byte 3
Byte 0
Bit 0
Bit 31
Little Endian Indicate Data Unit Format
FC
FC
FC
FC
SA1
SA0
DA1
DA0
FIGURE 6-1 Indicate Data Unit Formats
(Short Address)
For each Input Data Unit the Indicate Machine creates an
Input Data Unit Descriptor (IDUD) which contains status in-
formation about the IDU its size (byte count) and its loca-
tion in memory For IDUs that fit within the current Indicate
memory page an IDUDOnly Descriptor is created For IDUs
that span more than one memory page a multi-part IDUD is
created For example when a frame crosses a page bound-
ary the MACSI device writes an IDUDFirst If another page
is crossed an IDUDMiddle will be written At the frame end
an IDUDLast is written IDUDs are written to consecutive
locations in the Indicate Status Queue for the particular Indi-
cate Channel up to the host-defined queue limit
The MACSI device has two modes for storing IDUs into Pool
Space Pages In the first mode the MACSI device will as-
semble as many frames into a 4 kByte page as will fit Thus
a single page of Pool Space memory may contain multiple
frames and have many IDUDs pointing to it In the second
mode the MACSI device forces a page break after the end
of each frame This means that a single page of Pool Space
memory will have at most a single IDUD pointing to it This
mode greatly simplifies space reclamation in those systems
which do not process incoming frames in order of receipt
and supports systems in which the cache line size is greater
than 32 bytes
The Indicate Machine copies IDUs and IDUDs to memory as
long as there are no exceptions or errors and the Channel
has data and status space When a lack of either data or
status space is detected on a particular Channel the Indi-
cate Machine stops copying new frames for that Channel
(only) It will set the No Status Space attention bit in the No
Space Attention Register when it runs out of Status Space
It will set the Low Data Space bit in the No Space Attention
Register when the last available PSP is prefetched from the
Indicate Channel PSP Queue The host allocates more data
space by adding PSPs to the tail of the PSP Queue and then
updating the PSP Queue Limit Register which causes the
MACSI device to clear the Low Data Space attention bit and
resume copying (on the same Channel) The user should
never
clear the Low Data Space attention bits directly The
host allocates more status space by updating the IDUD
Queue Limit Register and then explicitly clearing the Chan-
nel’s No Status Space bit after which the Indicate Machine
resumes copying Note that the No Status Space Attention
bit must be cleared after the appropriate limit register is
updated
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com