Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83266 Datasheet(PDF) 57 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 57 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 53Page - National Semiconductor (TI) DP83266 Datasheet HTML 54Page - National Semiconductor (TI) DP83266 Datasheet HTML 55Page - National Semiconductor (TI) DP83266 Datasheet HTML 56Page - National Semiconductor (TI) DP83266 Datasheet HTML 57Page - National Semiconductor (TI) DP83266 Datasheet HTML 58Page - National Semiconductor (TI) DP83266 Datasheet HTML 59Page - National Semiconductor (TI) DP83266 Datasheet HTML 60Page - National Semiconductor (TI) DP83266 Datasheet HTML 61Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 152 page
background image
70 Control Information (Continued)
MAC Mode Register 2 (MCMR2)
The Mode Register 2 (MCMR2) is used to program major operating parameters for the MAC portion of the MACSI device This
register should be programmed only at power-on or after a software or hardware Master Reset
This register is cleared upon reset
Access Rules
Address
Read
Write
005h
Always
Always
Register Bits
D7
D6
D5
D4
D3
D2
D1
D0
RES
RES
RES
AFIE
LLC MCE
SMT MCE
RES
BOSEL
Bit
Symbol
Description
D5 – D7
RES
Reserved
D4
AFIE
AFLAG Inhibit Enable
For MACSI Revision D or later this bit enables the recognition of the AFINHIB
input pin When AFIE equals zero the MACSI device will ignore the AFINHIB input When AFIE equals
one the MACSI will block the internal address recognition flag (AFLAG) between the MAC and System
Interface whenever the User asserts the AFINHIB pin For MACSI Revision prior to D this is a Reserved
bit
D3
LLC MCE
LLC Multicast Enable (LLC MCE)
When this bit is set the MACSI device will attempt to copy any LLC
frame (as determined by the FC field) which also has the IndividualGroup address bit set (ie is using a
multicast address) The MAC block will not set the A or C indicators and the copiednot copied counters
will not increment
D2
SMT MCE
SMTMAC Multicast Enable (SMT MCE)
When this bit is set the MACSI device will attempt to copy
any SMT or MAC frame (as determined by the FC field) which also has the IndividualGroup address bit
set (ie is using a multicast address) The MAC block will not set the A or C indicators and the copied
not copied counters will not increment
D1
RES
Reserved
D0
BOSEL
Bridge Option Select (BOSEL)
This bit controls the interconnect of the STRIP and SAT signals from
the System Interface block to the MAC block When BOSEL e 0 the SAT output from the System
Interface is connected to SAT input of the MAC When BOSEL e 1 the STRIP output of the System
Interface is connected to the SAT input of the MAC
MAC Revision Register (MCRev)
The MAC Revision Register (MCRev) contains the revision number of the Ring Engine
Access Rules
Address
Read
Write
007h
Always
Data Ignored
Register Bits
D7
D6
D5
D4
D3
D2
D1
D0
REV7
REV6
REV5
REV4
REV3
REV2
REV1
REV0
Bit
Symbol
Description
D7 – D0
REV(7 – 0)
Revision Number
Bits D7 – D0 contain the version ID of the MAC State Machines
Software should consult this register for any software-specific issues related to the current version
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com