Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83266 Datasheet(PDF) 137 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 137 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 133Page - National Semiconductor (TI) DP83266 Datasheet HTML 134Page - National Semiconductor (TI) DP83266 Datasheet HTML 135Page - National Semiconductor (TI) DP83266 Datasheet HTML 136Page - National Semiconductor (TI) DP83266 Datasheet HTML 137Page - National Semiconductor (TI) DP83266 Datasheet HTML 138Page - National Semiconductor (TI) DP83266 Datasheet HTML 139Page - National Semiconductor (TI) DP83266 Datasheet HTML 140Page - National Semiconductor (TI) DP83266 Datasheet HTML 141Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 152 page
background image
80 Signal Descriptions (Continued)
Bus Control
Symbol
Pin
IO
Description
AB
AS
39
O
ABus Address Strobe
When first asserted this TRI-STATE signals indicates that address on
AB
AD is valid When this signal is inactive and AB
ACK is asserted the next cycle is a Recovery
State (Tr) in which the bus arbiter can sample all bus requests then issue a bus grant in the
following cycle Note that the timing of this signal is under software control via Mode Register 1
(MR1)
AB
RW
35
O
ABus ReadWrite
This TRI-STATE signal determines the current direction of an ABus access A
high level indicates a read access and a low level indicates a write access
AB
DEN
34
IO
ABus Data Enable
In normal ABus mode this TRI-STATE signal indicates that data on
AB
AD31 – 0 is valid In the enhanced ABus mode for SBus this signal is an additional
Acknowledgment input
AB
SIZ2 – 0
31-29
O
ABus Size
These TRI-STATE signals indicate the size of the transfer on AB
AD31-0 encoded as
follows
Transfer
AB
SIZ2
AB
SIZ1
AB
SIZ0
Size
0
0
0
4 Bytes
0
0
1
Reserved
0
1
0
Reserved
0
1
1
Reserved
1
0
0
16 Bytes
1
0
1
32 Bytes
1
1
0
Reserved
1
1
1
Reserved
AB
ACK
37
I
ABus Acknowledge
Indicates a bus slave’s response to a bus master The meaning of this signal
depends on the state of ABus Error (AB
ERR) as well as the ABus mode selected (normal or
enhanced) The exact function is described below
AB
ERR
36
I
ABus Error
In normal ABus mode this signal is asserted by a bus slave to cause a transaction
retry or transaction abort In the enhanced ABus mode for SBus this signal together with
AB
ACK and AB
DEN encode the acknowledgment type The encoding is as follows
EAM e 0
EAM e 1
AB
ACK
AB
ERR
AB
ACK
AB
DEN
AB
ERR
Function
Ack(2)
Ack(1)
Ack(0)
1
1
1
1
1
Wait Cycle
0
1
0
1
1
Word Acknowledgement
0
0
1
0
0
Retry
1
0
1
1
0
Error
0
0
0
Not Supported
0
0
1
Not Supported
0
1
0
Not Supported
1
0
1
Not Supported
Bus Arbitration
Symbol
Pin
IO
Description
AB
BR
28
O
ABus Bus Request
This signal is used by the MACSI device to request use of the ABus
AB
BG
27
I
ABus Grant
This signal is asserted by external bus arbitration logic to grant use of the ABus to
the MACSI device If AB
BG is asserted at the start of a transaction (Tbr) the MACSI device will
run a transaction Note that in normal ABus mode (MR1EAM e 0) the MACSI device may take
up to two cycles to respond to AB
BG Therefore AB
BG should not be removed until the
MACSI device has indicated that it has sampled AB
BG and taken the bus (this can be
determined with AB
AS for example)
AB
CLK
38
I
ABus Clock
All ABus operations are synchronized to the rising edge of AB
CLK
137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com