Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83916 Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83916
Description  SONICTM-16 Systems-Oriented Network Interface Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83916 Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button DP83916 Datasheet HTML 22Page - National Semiconductor (TI) DP83916 Datasheet HTML 23Page - National Semiconductor (TI) DP83916 Datasheet HTML 24Page - National Semiconductor (TI) DP83916 Datasheet HTML 25Page - National Semiconductor (TI) DP83916 Datasheet HTML 26Page - National Semiconductor (TI) DP83916 Datasheet HTML 27Page - National Semiconductor (TI) DP83916 Datasheet HTML 28Page - National Semiconductor (TI) DP83916 Datasheet HTML 29Page - National Semiconductor (TI) DP83916 Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 96 page
background image
40 SONIC-16 Registers (Continued)
TABLE 4-1 User Registers
(Continued)
RA5 – RA0
Access
Register
Symbol
Description
(section)
WATCHDOG COUNTERS
29
RW
Watchdog Timer 0
WT0
4312
2A
RW
Watchdog Timer 1
WT1
4312
SILICON REVISION
28
R
Silicon Revision
SR
4313
Note 1
These registers can only be read when the SONIC-16 is in reset mode (RST bit in the CR is set) The SONIC-16 gives invalid data when these registers are
read in non-reset mode
Note 2
This register can only be written to when the SONIC-16 is in reset mode This register is normally only loaded by the Load CAM command
Note 3
The Data Configuration registers DCR and DCR2 can only be written to when the SONIC-16 is in reset mode (RST bit in CR is set) Writing to these
registers while not in reset mode does not alter the registers
Note 4
The data written to these registers is inverted before being latched That is if a value of FFFFh is written these registers will contain and read back the
value of 0000h Data is not inverted during a read operation
TABLE 4-2 Internal Use Registers (Users should not write to these registers)
(RA5 – RA0)
Access
Register
Symbol
Description
(section)
TRANSMIT REGISTERS
08 (Note 1)
RW
Transmit Packet Size
TPS
35
09
RW
Transmit Fragment Count
TFC
35
0A
RW
Transmit Start Address 0
TSA0
35
0B
RW
Transmit Start Address 1
TSA1
35
0C (Note 2)
RW
Transmit Fragment Size
TFS
35
20
RW
Temporary Transmit Descriptor Address
TTDA
354
2F
R
Maximum Deferral Timer
MDT
434
RECEIVE REGISTERS
0F
RW
Current Receive Buffer Address 0
CRBA0
342 3442
10
RW
Current Receive Buffer Address 1
CRBA1
342 3442
11
RW
Remaining Buffer Word Count 0
RBWC0
342 3442
12
RW
Remaining Buffer Word Count 1
RBWC1
342 3442
19
RW
Temporary Receive Buffer Address 0
TRBA0
3462
1A
RW
Temporary Receive Buffer Address 1
TRBA1
3462
1B
RW
Temporary Buffer Word Count 0
TBWC0
3462
1C
RW
Temporary Buffer Word Count 1
TBWC1
3462
1F
RW
Last Link Field Address
LLFA
none
ADDRESS GENERATORS
1D
RW
Address Generator 0
ADDR0
none
1E
RW
Address Generator 1
ADDR1
none
Note 1
The data that is read from these registers is the inversion of what has been written to them
Note 2
The value that is written to this register is shifted once
TABLE 4-3 National Factory Test Registers
(RA5 – RA0)
Access
Register
Symbol
Description
(section)
30
These registers are for factory use only Users must not

RW
address these registers or improper SONIC-16 operation
none
none
3E
can occur
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com