| Electronic Components Datasheet Search |
|
DP83916 Datasheet(PDF) 53 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83916 Datasheet(HTML) 53 Page - National Semiconductor (TI) |
|
53 / 96 page ![]() 50 Bus Interface (Continued) 541 Acquiring The Bus The SONIC-16 requests the bus when 1) its FIFO threshold has been reached or 2) when the descriptor areas in memo- ry (ie RRA RDA CDA and TDA) are accessed Note that when the SONIC-16 moves from one area in memory to another (eg RBA to RDA) it always deasserts its bus re- quest and then requests the bus again when accessing the next area in memory The SONIC-16 provides two methods to acquire the bus for compatibility with NationalIntel or Motorola type microproc- essors These two methods are selected by setting the proper level on the BMODE pin Figures 5-5 and 5-6 show the NationalIntel (BMODE e 0) and Motorola (BMODE e 1) bus request timing Descrip- tions of each mode follows For both modes when the SONIC-16 relinquishes the bus there is an extra holding state (Th) for one bus cycle after the last DMA cycle (T2) This assures that the SONIC-16 does not contend with an- other bus master after it has released the bus BMODE e 0 The NationalIntel processors require a 2-way handshake using a HOLD REQUESTHOLD ACKNOWLEDGE protocol ( Figure 5-5 ) When the SONIC-16 needs to access the bus it issues a HOLD REQUEST (HOLD) to the microprocessor The microprocessor responds with a HOLD ACKNOWL- EDGE (HLDA) to the SONIC-16 The SONIC-16 then begins its memory transfers on the bus As long as the CPU main- tains HLDA active the SONIC-16 continues until it has fin- ished its memory block transfer The CPU however can preempt the SONIC-16 from finishing the block transfer by deasserting HLDA before the SONIC-16 deasserts HOLD This allows a higher priority device to preempt the SONIC- 16 from continuing to use the bus The SONIC-16 will re- quest the bus again later to complete any operation that it was doing at the time of preemption As shown in Figure 5-5 the SONIC-16 will assert HOLD to either the falling or rising edge of the bus clock (BSCK) The default is for HOLD to be asserted on the falling edge Set- ting the PH bit in the DCR2 (see Section 437) causes HOLD to be asserted bus clock later on the rising edge (shown by the dotted line) Before HOLD is asserted the SONIC-16 checks the HLDA line If HLDA is asserted HOLD will not be asserted until after HLDA has been deas- serted first BMODE e 1 The Motorola protocol requires a 3-way handshake using a BUS REQUEST BUS GRANT and BUS GRANT AC- KNOWLEDGE handshake ( Figure 5-6 ) When using this protocol the SONIC-16 requests the bus by lowering BUS REQUEST (BR) The CPU responds by issuing BUS GRANT (BG) Upon receiving BG the SONIC-16 assures that all devices have relinquished control of the bus before using the bus The following signals must be deasserted before the SONIC-16 acquires the bus BGACK AS DSACK01 STERM (Asynchronous Mode Only) Deasserting BGACK indicates that the previous master has released the bus Deasserting AS indicates that the previ- ous master has completed its cycle and deasserting DSACK01 and STERM indicates that the previous slave has terminated its connection to the previous master The SONIC-16 maintains its mastership of the bus until it deas- serts BGACK It can not be preempted from the bus TLF11722 – 27 FIGURE 5-5 Bus Request Timing BMODEe0 53 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |