Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83916 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83916
Description  SONICTM-16 Systems-Oriented Network Interface Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83916 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button DP83916 Datasheet HTML 14Page - National Semiconductor (TI) DP83916 Datasheet HTML 15Page - National Semiconductor (TI) DP83916 Datasheet HTML 16Page - National Semiconductor (TI) DP83916 Datasheet HTML 17Page - National Semiconductor (TI) DP83916 Datasheet HTML 18Page - National Semiconductor (TI) DP83916 Datasheet HTML 19Page - National Semiconductor (TI) DP83916 Datasheet HTML 20Page - National Semiconductor (TI) DP83916 Datasheet HTML 21Page - National Semiconductor (TI) DP83916 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 96 page
background image
30 Buffer Management (Continued)
All RRA registers are concatenated with the URRA register
for generating the full 23-bit address
The resource descriptors that the system writes to the RRA
consists
of
four
fields
(1)
RXrsrcbuff
ptr0
(2)
RXrsrcbuff
ptr1
(3)
RXrsrcbuff
wc0
and
(4)
RXrsrcbuff
wc1 The fields must be contiguous (they can-
not straddle the end points) and are written in the order
shown in
Figure 3-8 The ‘‘0’’ and ‘‘1’’ in the descriptors
denote the least and most significant portions for the Buffer
Pointer and Word Count The first two fields supply the
23-bit starting location of the Receive Buffer Area (RBA)
and the second two define the number of 16-bit words that
the RBA occupies Note that a restriction applies to the
Buffer Pointer and Word Count The Buffer Pointer must be
pointing to a word boundary Note also that the descriptors
must be properly aligned in the RRA as discussed in Section
33
TLF11722 – 15
FIGURE 3-8 RRA Initialization
After configuring the RRA the RRA Read command (setting
RRRA bit in the Command register) may be given This
command causes the SONIC-16 to read the RRA descriptor
in a single block operation and load the following registers
(see Section 42 for register mnemonics)
CRBA0 register
wRXrsrcbuff ptr0
CRBA1 register
wRXrsrcbuff ptr1
RBWC0 register
wRXrsrcbuff wc0
RBWC1 register
wRXrsrcbuff wc1
When the command has completed the RRRA bit in the
Command register is reset to ‘‘0’’ Generally this command
is only issued during initialization At all other times the RRA
is automatically read as the SONIC-16 finishes using an
RBA
3443 Initializing The RDA
To accept multiple packets from the network the receive
packet descriptors must be linked together via the
RXpktlink fields Each link field must be written with a 15-bit
(A15 – A1) pointer to locate the beginning of the next de-
scriptor in the list The LSB of the RXpktlink field is the End
of List (EOL) bit and is used to indicate the end of the de-
scriptor list EOL e 1 for the last descriptor and EOL e0 for
the first or middle descriptors The RXpktin
use field indi-
cates whether the descriptor is owned by the SONIC-16
The system writes a non-zero value to this field when the
descriptor is available and the SONIC-16 writes all ‘‘0’s’’
when it finishes using the descriptor At startup the Current
Receive Descriptor Address (CRDA) register must be load-
ed with the address of the first RXpktstatus field in order for
the SONIC-16 to begin receive processing at the first de-
scriptor An example of two descriptors linked together is
shown in
Figure 3-9 The fields initialized by the system are
displayed in larger type The other fields are written by the
SONIC-16 after a packet is accepted The RXpktin
use
field is first written by the system and then by the SONIC-
16 Note that the descriptors must be aligned properly as
discussed in section 33 Also note that the URDA register is
concatenated with the CRDA register to generate the full
23-bit address
TLF11722 – 16
FIGURE 3-9 RDA Initialization Example
3444 Initializing the Lower Boundary of the RBA
A ‘‘false bottom’’ is set in the RBA by loading the End Of
Buffer Count (EOBC) register with a value equal to the maxi-
mum size packet in words (16 bits) that may be received
This creates a lower boundary in the RBA Whenever the
Remaining Buffer Word Count (RBWC01) registers decre-
ment below the EOBC register the SONIC-16 buffers the
next packet into another RBA This also guarantees that a
packet is always contiguously buffered into a single Receive
Buffer Area (RBA) The SONIC-16 does not buffer a packet
into multiple RBAs
After a hardware reset the EOBC register is automatically
initialized to 2F8h (760 words or 1520 bytes)
Sometimes it may be desired to buffer a single packet per
RBA When doing this it is important to set EOBC and the
buffer size correctly The suggested practice is to set EOBC
to a value that is at least 2 bytes less than the buffer size
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com