Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83916 Datasheet(PDF) 37 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83916
Description  SONICTM-16 Systems-Oriented Network Interface Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83916 Datasheet(HTML) 37 Page - National Semiconductor (TI)

Back Button DP83916 Datasheet HTML 33Page - National Semiconductor (TI) DP83916 Datasheet HTML 34Page - National Semiconductor (TI) DP83916 Datasheet HTML 35Page - National Semiconductor (TI) DP83916 Datasheet HTML 36Page - National Semiconductor (TI) DP83916 Datasheet HTML 37Page - National Semiconductor (TI) DP83916 Datasheet HTML 38Page - National Semiconductor (TI) DP83916 Datasheet HTML 39Page - National Semiconductor (TI) DP83916 Datasheet HTML 40Page - National Semiconductor (TI) DP83916 Datasheet HTML 41Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 96 page
background image
40 SONIC-16 Registers (Continued)
436 Interrupt Status Register
(RAk50l e 5h)
This register
(Figure 4-9) indicates the source of an interrupt when the INT pin goes active Enabling the corresponding bits in
the IMR allows bits in this register to produce an interrupt When an interrupt is active one or more bits in this register are set to
a ‘‘1’’ A bit is cleared by writing ‘‘1’’ to it Writing a ‘‘0’’ to any bit has no effect
This register is cleared by a hardware reset and unaffected by a software reset
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
BR
HBL
LCD
PINT
PKTRX
PTDN
TXER
TC
RDE
RBE
RBAE
CRC
FAE
MP
RFO
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rwereadwrite
FIGURE 4-9 Interrupt Status Register
Field
Meaning
BR
BUS RETRY OCCURRED
HBL
CD HEARTBEAT LOST
LCD
LOAD CAM DONE
PINT
PROGRAMMABLE INTERRUPT
PKTRX
PACKET RECEIVED
TXDN
TRANSMISSION DONE
TXER
TRANSMIT ERROR
TC
TIMER COMPLETE
RDE
RECEIVE DISCRIPTORS EXHAUSTED
RBE
RECEIVE BUFFERS EXHAUSTED
RBAE
RECEIVE BUFFER AREA EXCEEDED
CRC
CRC TALLY COUNTER ROLLOVER
FAE
FRAME ALIGNMENT ERROR
MP
MISSED PACKET COUNTER ROLLOVER
RFO
RECEIVE FIFO OVERRUN
Bit
Description
15
Must be 0
14
BR BUS RETRY OCCURRED
Indicates that a Bus Retry (BRT) operation has occurred In Latched Bus Retry mode (LBR in the DCR) BR will only
be set when the SONIC-16 is a bus master Before the SONIC-16 will continue any DMA operations BR must be
cleared In Unlatched mode the BR bit should be cleared also but the SONIC-16 will not wait for BR to be cleared
before requesting the bus again and continuing its DMA operations (See sections 432 and 546 for more
information on Bus Retry)
13
HBL CD HEARTBEAT LOST
If the transceiver fails to provide a collision pulse (heart beat) during the first 64 ms of the Interframe Gap after
transmission this bit is set
12
LCD LOAD CAM DONE
Indicates that the Load CAM command has finished writing to all programmed locations in the CAM (See section
411)
11
PINT PROGRAMMED INTERRUPT
Indicates that upon reading the TXpktconfig field the SONIC-16 has detected the PINTR bit to be set (See section
434)
10
PKTRX PACKET RECEIVED
Indicates that a packet has been received and been buffered to memory This bit is set after the RXpktseq
no field
is written to memory
9
TXDN TRANSMISSION DONE
Indicates that either (1) there are no remaining packets to be transmitted in the Transmit Descriptor Area (ie the
EOL bit has been detected as a ‘‘1’’) (2) the Halt Transmit command has been given (HTX bit in CR is set to a ‘‘1’’)
or (3) a transmit abort condition has occurred This condition occurs when any of following bits in the TCR are set
BCM EXC FU or EXD This bit is set after the TXpktstatus field has been written to
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com