Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83916 Datasheet(PDF) 42 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83916
Description  SONICTM-16 Systems-Oriented Network Interface Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83916 Datasheet(HTML) 42 Page - National Semiconductor (TI)

Back Button DP83916 Datasheet HTML 38Page - National Semiconductor (TI) DP83916 Datasheet HTML 39Page - National Semiconductor (TI) DP83916 Datasheet HTML 40Page - National Semiconductor (TI) DP83916 Datasheet HTML 41Page - National Semiconductor (TI) DP83916 Datasheet HTML 42Page - National Semiconductor (TI) DP83916 Datasheet HTML 43Page - National Semiconductor (TI) DP83916 Datasheet HTML 44Page - National Semiconductor (TI) DP83916 Datasheet HTML 45Page - National Semiconductor (TI) DP83916 Datasheet HTML 46Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 96 page
background image
40 SONIC-16 Registers (Continued)
4312 General Purpose Timer
The SONIC-16 contains a 32-bit general-purpose watchdog
timer for timing user-definable events This timer is ac-
cessed by the user through two 16-bit readwrite registers
(WT1 and WT0) The lower count value is programmed
through the WT0 register and the upper count value is pro-
grammed through the WT1 register
These two registers are concatenated together to form the
complete 32-bit timer This timer clocked at
the Transmit
Clock (TXC) frequency counts down from its programmed
value and generates an interrupt if enabled (Interrupt Mask
register)
when
it
rolls
over
from
0000
0000h
to
FFFF FFFFh When the counter rolls over it continues dec-
rementing unless explicitly stopped (setting the STP bit)
The timer is controlled by the ST (Start Timer) and STP
(Stop Timer) bits in the Command register A hardware or
software reset halts but does not clear the General Pur-
pose timer
31
16
15
0
WT1 (Upper Count Value)
WT0 (Lower Count Value)
4313 Silicon Revision Register
This is a 16-bit read only register It contains information on
the current revision of the SONIC-16 The initial silicon be-
gins at 0000h and subsequent revision will be incremented
by one
50 Bus Interface
SONIC-16 features a high speed non-multiplexed 23-bit ad-
dress and 16-bit data bus designed for a wide range of sys-
tem environments SONIC-16 contains an on-chip DMA and
supplies all the necessary signals for DMA operation With
23 address lines SONIC-16 can access a full 4 M-word ad-
dress space To accommodate different memory speeds
wait states can be added to the bus cycle by two methods
The memory subsystem can add wait states by simply with-
holding the appropriate handshake signals In addition the
SONIC-16 can be programmed (via the Data Configuration
Register) to add wait states
The SONIC-16 is designed to interface to both the National
Intel and Motorola style buses To facilitate minimum chip
count designs and complete bus compatibility the user can
program the SONIC-16 for the following bus modes
NationalIntel bus operating in synchronous mode
NationalIntel bus operating in asynchronous mode
Motorola bus operating in synchronous mode
Motorola bus operating in asynchronous mode
The mode pin (BMODE) along with the SBUS bit in the Data
Configuration Register are used to select the bus mode
This section describes the SONIC-16’s pin signals provides
system interface examples
and describes the various
SONIC-16 bus operations
51 PIN CONFIGURATIONS
There are two user selectable pin configurations for SONIC-
16 to provide the proper interface signals for either the
NationalIntel or Motorola style buses The state of the
BMODE pin is used to define the pin configuration
Figure
5-1 shows the pin configuration when BMODEe1 (tied to
VCC) for the Motorola style bus Figure 5-2 shows the pin
configuration when BMODEe0 (tied to ground) for the Na-
tionalIntel style bus
42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com