Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83916 Datasheet(PDF) 34 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83916
Description  SONICTM-16 Systems-Oriented Network Interface Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83916 Datasheet(HTML) 34 Page - National Semiconductor (TI)

Back Button DP83916 Datasheet HTML 30Page - National Semiconductor (TI) DP83916 Datasheet HTML 31Page - National Semiconductor (TI) DP83916 Datasheet HTML 32Page - National Semiconductor (TI) DP83916 Datasheet HTML 33Page - National Semiconductor (TI) DP83916 Datasheet HTML 34Page - National Semiconductor (TI) DP83916 Datasheet HTML 35Page - National Semiconductor (TI) DP83916 Datasheet HTML 36Page - National Semiconductor (TI) DP83916 Datasheet HTML 37Page - National Semiconductor (TI) DP83916 Datasheet HTML 38Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 96 page
background image
40 SONIC-16 Registers (Continued)
434 Transmit Control Register
(Continued)
(RAk50l e 3h)
Bit
Description
9
DEF DEFERRED TRANSMISSION
Indicates that the SONIC-16 has deferred its transmission during the first attempt If subsequent collisions occur this
bit is reset This bit is cleared after the TXpktstatus field is written in the TDA
8
NCRS NO CRS
Indicates that Carrier Sense (CRS) was not present during transmission CRS is monitored from the beginning of the
Start of Frame Delimiter to the last byte transmitted The transmission will not be aborted This bit is set at the start
of preamble and is reset if CRS is detected Hence if CRS is never detected throughout the entire transmission of
the packet this bit will remain set
Note
NCRS will always remain set in MAC loopback
7
CRSL CRS LOST
Indicates that CRS has gone low or has not been present during transmission CRS is monitored from the beginning
of the Start of Frame Delimiter to the last byte transmitted The transmission will not be aborted
Note
if CRS was never present both NCRS and CRSL will be set simultaneously Also CRSL will always be set in MAC loopback
6
EXC EXCESSIVE COLLISIONS
Indicates that 16 collisions have occurred The transmission is aborted
5
OWC OUT OF WINDOW COLLISION
Indicates that an illegal collision has occurred after 512 ms (one slot time) from either the first bit of preamble or
from SFD depending upon the POWC bit The transmission backs off as in a normal transmission This bit is cleared
after the TXpktstatus field is written in the TDA
4
Must be 0
3
PMB PACKET MONITORED BAD
This bit is set if after the receive unit has monitored the transmitted packet the CRC has been calculated as invalid
a frame alignment error occurred or the Source Address does not match any of the CAM address registers
Note 1
The SONIC-16’s CRC checker is active during transmission
Note 2
If CRC has been inhibited for transmissions (CRCI is set) this bit will always be low This is true regardless of Frame Alignment or Source
Address mismatch errors
Note 3
If a Receive FIFO overrun has occurred the transmitted packet is not monitored completely Thus if PMB is set along with the RFO bit in the
ISR then PMB has no meaning The packet must be completely received before PMB has meaning
2
FU FIFO UNDERRUN
Indicates that the SONIC-16 has not been able to access the bus before the FIFO has emptied This condition
occurs from excessive bus latency andor slow bus clock The transmission is aborted (See section 142)
1
BCM BYTE COUNT MISMATCH
This bit is set when the SONIC-16 detects that the TXpktpkt
size field is not equal to the sum of the
TXpktfrag
size field(s) Transmission is aborted
0
PTX PACKET TRANSMITTED OK
Indicates that a packet has been transmitted without the following errors
Excessive Collisions (EXC)
Excessive Deferral (EXD)
FIFO Underrun (FU)
Byte Count Mismatch (BCM)
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com