| Electronic Components Datasheet Search |
|
DP83916 Datasheet(PDF) 56 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83916 Datasheet(HTML) 56 Page - National Semiconductor (TI) |
|
56 / 96 page ![]() 50 Bus Interface (Continued) 545 Master Mode Bus Cycles In order to add additional compatibility with different bus architectures there are two other modes that affect the op- eration of the bus These modes are called the synchronous and asynchronous modes and are programmed by setting or resetting the SBUS bit in the Data Configuration Register (DCR) The synchronous and asynchronous modes do not have an effect on slave accesses to the SONIC-16 but they do affect the master mode operation Within the particular busprocessor mode synchronous and asynchronous modes are very similar This section discusses all four modes of operation of the SONIC-16 (NationalIntel vs Mo- torola synchronous vs asynchronous) when it is a bus mas- ter In this section the rising edge of T1 and T2 means the beginning of these states and the falling edge of T1 and T2 means the middle of these states 5451 Adding Wait States To accommodate different memory speeds the SONIC-16 provides two methods for adding wait states for its bus op- erations Both of these methods can be used singly or in conjunction with each other A memory cycle is extended by adding additional T2 states The first method inserts wait- states by withholding the assertion of DSACK01 STERM or RDYi The other method allows software to program wait- states Programming the WC0 WC1 bits in the Data Config- uration Register allows 1 to 3 wait-states to be added on each memory cycle These wait states are inserted between the T1 and T2 bus states and are called T2(wait) bus states The SONIC-16 will not look at the DSACK01 STERM or RDYi lines until the programmed wait states have passed Hence in order to complete a bus operation that includes programmed wait states the DSACK01 STERM or RDYi lines must be asserted at their proper times at the end of the cycle during the last T2 not during a programmed wait state The only exception to this is asynchronous mode where DSACK01 or RDYi would be asserted during the last programmed wait state T2 (wait) See the timing for these signals in the timing diagrams for more specific information Programmed wait states do not affect Slave Mode bus cy- cles 56 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |