Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM5102 Datasheet(PDF) 41 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 41 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 37Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 38Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 39Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 40Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 41Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 42Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 43Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 44Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 45Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
41
DEVICE DESCRIPTION
INTRODUCTION
The WM5102 is a highly integrated low-power audio hub CODEC for mobile telephony and portable
devices. It provides flexible, high-performance audio interfacing for handheld devices in a small and
cost-effective package. It supports programmable DSP for wideband voice processing, ideally suited
for multimedia phones and smartphones.
The WM5102 digital core provides an extensive capability for signal processing algorithms, including
echo cancellation, wind noise, side-tone and other programmable filters. Parametric equalisation (EQ)
and dynamic range control (DRC) are also supported. Highly flexible digital mixing, including stereo
full-duplex asynchronous sample rate conversion, provides use-case flexibility across a broad range
of system architectures. A signal generator for controlling haptics vibe actuators is included.
The WM5102 provides multiple digital audio interfaces, including SLIMbus, in order to provide
independent and fully asynchronous connections to different processors (eg. application processor,
baseband processor and wireless transceiver).
A flexible clocking arrangement supports a wide variety of external clock references, including
clocking derived from the digital audio interface. Two integrated Frequency Locked Loop (FLL) circuits
provide additional flexibility.
Unused circuitry can be disabled under software control, in order to save power; low leakage currents
enable extended standby/off time in portable battery-powered applications. Configurable ‘Wake-Up’
actions can be associated with the low-power standby (Sleep) mode.
Versatile GPIO functionality is provided, and support for external accessory / push-button detection
inputs. Comprehensive Interrupt (IRQ) logic and status readback are also provided.
HI-FI AUDIO CODEC
The WM5102 is a high-performance low-power audio CODEC which uses a simple analogue
architecture. 6 ADCs and 7 DACs are incorporated, providing a dedicated ADC for each input and a
dedicated DAC for each output channel.
The analogue outputs comprise two 29mW (113dB SNR) stereo headphone amplifiers with ground-
referenced output, a 100mW differential (BTL) earpiece driver, and a Class D stereo speaker driver
capable of delivering 2W per channel into a 4Ω load. Six analogue inputs are provided, each
supporting single-ended or differential input modes. In differential mode, the input path SNR is 96dB.
The ADC input paths can be bypassed, supporting up to 6 channels of digital microphone input.
The audio CODEC is controlled directly via register access. The simple analogue architecture,
combined with the integrated tone generator, enables simple device configuration and testing,
minimising debug time and reducing software effort.
The WM5102 output drivers are designed to support as many different system architectures as
possible. Each output has a dedicated DAC which allows mixing, equalisation, filtering, gain and other
audio processing to be configured independently for each channel. This allows each signal path to be
individually tailored for the load characteristics. All outputs have integrated pop and click suppression
features.
The headphone output drivers are ground-referenced, powered from an integrated charge pump,
enabling high quality, power efficient headphone playback without any requirement for DC blocking
capacitors. Ground loop feedback is incorporated, providing rejection of noise on the ground
connections. A mono mode is available on the headphone outputs; this configures the drivers as
differential (BTL) outputs, suitable for an earpiece or hearing aid coil.
The Class D speaker drivers deliver excellent power efficiency. High PSRR, low leakage and
optimised supply voltage ranges enable powering from switching regulators or directly from the
battery. Battery current consumption is minimised across a wide variety of voice communication and
multimedia playback use cases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com