Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM5102 Datasheet(PDF) 82 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 82 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 78Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 79Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 80Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 81Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 82Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 83Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 84Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 85Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 86Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
82
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3716
(0E84h)
DRC1 ctrl5
9:5
DRC1_KNEE2_I
P [4:0]
00000
DRC1 Input signal level at the Noise
Gate threshold ‘Knee2’.
00000 = -36dB
00001 = -37.5dB
00010 = -39dB
… (-1.5dB steps)
11110 = -81dB
11111 = -82.5dB
Only applicable when
DRC1_NG_ENA = 1.
4:0
DRC1_KNEE2_
OP [4:0]
00000
DRC1 Output signal at the Noise
Gate threshold ‘Knee2’.
00000 = -30dB
00001 = -31.5dB
00010 = -33dB
… (-1.5dB steps)
11110 = -75dB
11111 = -76.5dB
Only applicable when
DRC1_KNEE2_OP_ENA = 1.
Table 14 DRC1 Control Registers
The WM5102 performs automatic checks to confirm that the SYSCLK frequency is high enough to
support the commanded DRC and digital mixing functions. If an attempt is made to enable a DRC
signal path, and there are insufficient SYSCLK cycles to support it, then the attempt will be
unsuccessful. (Note that any signal paths that are already active will not be affected under these
circumstances.)
The Underclocked Error can be monitored using the GPIO and/or Interrupt functions. See “General
Purpose Input / Output” and “Interrupts” for further details.
The FX_STS field in Register R3585 indicates the status of each of the EQ, DRC and LHPF signal
paths. If an Underclocked Error condition occurs, then this register provides readback of which EQ,
DRC or LHPF signal path(s) have been successfully enabled.
The status bits in Registers R1600 to R2920 indicate the status of each of the digital mixers. If an
Underclocked Error condition occurs, then these bits provide readback of which mixer(s) have been
successfully enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com