Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM5102 Datasheet(PDF) 44 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 44 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 40Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 41Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 42Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 43Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 44Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 45Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 46Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 47Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 48Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
44
INPUT SIGNAL PATH
The WM5102 has six highly flexible input channels, configurable in a large number of combinations.
Each of the six input channels supports analogue (mic or line) and digital input configurations.
The analogue input paths support single-ended and differential modes, programmable gain control
and are digitised using a high performance 24-bit sigma-delta ADC.
The digital input paths interface directly with external digital microphones; a separate microphone
interface clock is provided for 3 separate stereo pairs of digital microphones. Digital delay can be
applied to any of the digital input paths; this can be used for phase adjustment of any digital input,
including directional control of multiple microphones.
Three microphone bias (MICBIAS) generators are available, which provide a low noise reference for
biasing electret condenser microphones (ECMs) or for use as a low noise supply for MEMS
microphones and digital microphones.
Digital volume control is available on all inputs (analogue and digital), with programmable ramp control
for smooth, glitch-free operation.
The IN1L and IN1R input signal paths and control registers are illustrated in Figure 13. The IN2 and
IN3 signal paths are equivalent to the IN1 signal path.
Figure 13 Input Signal Paths



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com