Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM5102 Datasheet(PDF) 18 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 18 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 14Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 15Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 16Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 17Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 18Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 19Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 20Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 21Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 22Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
18
Test Conditions
DBVDD1 = DBVDD2 = DBVDD3 = LDOVDD = CPVDD = AVDD = 1.8V,
DCVDD = 1.2V (powered from LDO1), MICVDD = 3.0V (powered from LDO2), SPKVDDL = SPKVDDR = 4.2V,
TA = +25ºC, 1kHz sinusoid signal, fs = 48kHz, Input PGA gain = 0dB, 24-bit audio data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DAC to Headphone Output (HPOUT1L, HPOUT1R; RL = 16)
Maximum output power
PO
0.1% THD+N
34
mW
Signal to Noise Ratio
SNR
A-weighted,
Output signal = 1Vrms
102
112
dB
Total Harmonic Distortion
THD
PO = 20mW
-78
dB
Total Harmonic Distortion Plus
Noise
THD+N
PO = 20mW
-76
dB
Total Harmonic Distortion
THD
PO = 5mW
-78
dB
Total Harmonic Distortion Plus
Noise
THD+N
PO = 5mW
-77
-67
dB
Channel separation (Left/Right)
PO = 20mW
75
dB
Output noise floor
A-weighted
2.5
8
µVRMS
PSRR (DBVDDn, LDOVDD,
CPVDD, AVDD)
PSRR
100mV (peak-peak) 217Hz
57
dB
100mV (peak-peak) 10kHz
57
DAC to Line Output (HPOUT1L, HPOUT1R; Load = 10k
, 50pF)
Full-scale output signal level
VOUT
0dBFS input
1
0
Vrms
dBV
Signal to Noise Ratio
SNR
A-weighted,
Output signal = 1Vrms
101
110
dB
Total Harmonic Distortion
THD
0dBFS input
-83
dB
Total Harmonic Distortion Plus
Noise
THD+N
0dBFS input
-81
-71
dB
Channel separation (Left/Right)
100
dB
Output noise floor
A-weighted
2.8
8
µVRMS
PSRR (DBVDDn, LDOVDD,
CPVDD, AVDD)
PSRR
100mV (peak-peak) 217Hz
57
dB
100mV (peak-peak) 10kHz
57
DAC to Earpiece Output (HPOUT1L, HPOUT1R, Mono Mode, RL = 32 BTL)
Maximum output power
PO
0.1% THD+N
89
mW
5% THD+N
104
Signal to Noise Ratio
SNR
A-weighted,
Output signal = 2Vrms
113
dB
Total Harmonic Distortion
THD
PO = 50mW
-92
dB
Total Harmonic Distortion Plus
Noise
THD+N
PO = 50mW
-90
dB
Total Harmonic Distortion
THD
PO = 5mW
-86
dB
Total Harmonic Distortion Plus
Noise
THD+N
PO = 5mW
-88
dB
Output noise floor
A-weighted
2.5
µVRMS
PSRR (DBVDDn, LDOVDD,
CPVDD, AVDD)
PSRR
100mV (peak-peak) 217Hz
57
dB
100mV (peak-peak) 10kHz
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com