Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM5102 Datasheet(PDF) 46 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 46 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 42Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 43Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 44Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 45Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 46Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 47Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 48Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 49Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 50Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
46
ANALOGUE LINE INPUT
Line inputs can be connected to the WM5102 in a similar manner to the microphone inputs described
above. Single-ended and differential modes are supported on each of the six input paths.
The applicable mode (single-ended or differential) is selected using the INn_MODE registers, as
described later. Note that the mode is configurable for each stereo pair of inputs; the Left and Right
channels of any pair of inputs are always in the same mode.
The analogue line input configurations are illustrated in Figure 18 and Figure 19. Note that the
microphone bias (MICBIAS) is not used for line input connections.
Figure 18 Single-Ended Line Input
Figure 19 Differential Line Input
DIGITAL MICROPHONE INPUT
Up to six digital microphones can be connected to the WM5102. The digital microphone mode is
selected using the INn_MODE registers, as described later. Note that the mode is configurable for
each stereo pair of inputs; the Left and Right channels of any pair of inputs are always in the same
mode.
In digital microphone mode, two channels of audio data are multiplexed on the DMICDAT1,
DMICDAT2 or DMICDAT3 pins. Each of these stereo interfaces is clocked using the respective
DMICCLK1, DMICCLK2 or DMICCLK3 pin.
When digital microphone input is enabled, the WM5102 outputs a clock signal on the applicable
DMICCLKn pin(s). The DMICCLKn frequency is controlled by the respective INn_OSR register, as
described in Table 1. See Table 3 for details of the INn_OSR registers.
Note that the DMICCLKn frequencies noted in Table 1 assume that the SYSCLK frequency is a
multiple of 6.144MHz (SYSCLK_FRAC=0). If the SYSCLK frequency is a multiple of 5.6448MHz
(SYSCLK_FRAC=1), then the DMICCLKn frequencies will be scaled accordingly.
CONDITION
DMICCLKn FREQUENCY
INn_OSR = 00
1.536MHz
INn_OSR = 01
3.072MHz
Table 1 DMICCLK Frequency
The voltage reference for each digital microphone interface is selectable, using the INn_DMIC_SUP
registers. Each interface may be referenced to MICVDD, or to the MICBIAS1, MICBIAS2 or MICBIAS3
levels.
A pair of digital microphones is connected as illustrated in Figure 20. The microphones must be
configured to ensure that the Left mic transmits a data bit when DMICCLK is high, and the Right mic
transmits a data bit when DMICCLK is low. The WM5102 samples the digital microphone data at the
end of each DMICCLK phase. Each microphone must tri-state its data output when the other
microphone is transmitting.
Note that the WM5102 provides integrated pull-down resistors on the DMICDAT1, DMICDAT2 and
DMICDAT3 pins. This provides a flexible capability for interfacing with other devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com