| Electronic Components Datasheet Search |
|
WM5102 Datasheet(PDF) 45 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM5102 Datasheet(HTML) 45 Page - Wolfson Microelectronics plc |
|
45 / 334 page ![]() Production Data WM5102 w PD, June 2014, Rev 4.2 45 ANALOGUE MICROPHONE INPUT Up to six analogue microphones can be connected to the WM5102, either in single-ended or differential mode. The applicable mode is selected using the INn_MODE registers, as described later. Note that the mode is configurable for each stereo pair of inputs; the Left and Right channels of any pair of inputs are always in the same mode. The WM5102 includes external accessory detection circuits, which can detect the presence of a microphone, and the status of a hookswitch or other push-buttons. When using this function, it is recommended to use one of the Right channel analogue microphone input paths, to ensure best immunity to electrical transients arising from the push-buttons. For single-ended input, the microphone signal is connected to the non-inverting input of the PGAs (INnLP or INnRP). The inverting inputs of the PGAs are connected to an internal reference in this configuration. For differential input, the non-inverted microphone signal is connected to the non-inverting input of the PGAs (INnLP or INnRP), whilst the inverted (or ‘noisy ground’) signal is connected to the inverting input pins (INnLN or INnRN). The gain of the input PGAs is controlled via register settings, as defined in Table 4. Note that the input impedance of the analogue input paths is fixed across all PGA gain settings. The Electret Condenser Microphone (ECM) analogue input configurations are illustrated in Figure 14 and Figure 15. The integrated MICBIAS generators provide a low noise reference for biasing the ECMs. Figure 14 Single-Ended ECM Input Figure 15 Differential ECM Input Analogue MEMS microphones can be connected to the WM5102 in a similar manner to the ECM configurations described above; typical configurations are illustrated in Figure 16 and Figure 17. In this configuration, the integrated MICBIAS generators provide a low-noise power supply for the microphones. Figure 16 Single-Ended MEMS Input Figure 17 Differential MEMS Input Note that the MICVDD pin can also be used (instead of MICBIASn) as a reference or power supply for external microphones. The MICBIAS outputs are recommended, as these offer better noise performance and independent enable/disable control. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |