Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM5102 Datasheet(PDF) 42 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 42 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 38Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 39Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 40Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 41Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 42Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 43Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 44Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 45Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 46Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
42
The WM5102 is cost-optimised for a wide range of mobile phone applications, and features two
channels of Class D power amplification. For applications requiring more than two channels of power
amplification (or when using the integrated Class D path to drive a haptics actuator), the PDM output
channels can be used to drive two external PDM-input speaker drivers. In applications where stereo
loudspeakers are physically widely separated, the PDM outputs can ease layout and EMC by avoiding
the need to run the Class-D speaker outputs over long distances and interconnects.
DIGITAL AUDIO CORE
The WM5102 uses a core architecture based on all-digital signal routing, making digital audio effects
available on all signal paths, regardless of whether the source data input is analogue or digital. The
digital mixing desk allows different audio effects to be applied simultaneously on many independent
paths, whilst also supporting a variety of sample rates concurrently. This helps support many new
audio use-cases. Soft mute and un-mute control allows smooth transitions between use-cases without
interrupting existing audio streams elsewhere.
The WM5102 digital core provides an extensive capability for programmable signal processing
algorithms. The DSP can support functions such as echo cancellation, wind noise, side-tone and other
programmable filters. The DSP is optimised for advanced voice processing, but a wide range of
application-specific filters and audio enhancements can also be implemented.
Highly flexible digital mixing, including mixing between audio interfaces, is possible. The WM5102
performs stereo full-duplex asynchronous sample rate conversion, providing use-case flexibility across
a broad range of system architectures. Automatic sample rate detection is provided, enabling
seamless wideband/narrowband voice call handover.
Dynamic Range Controller (DRC) functions are available for optimising audio signal levels. In
playback modes, the DRC can be used to maximise loudness, while limiting the signal level to avoid
distortion, clipping or battery droop, in particular for high-power output drivers such as speaker
amplifiers. In record modes, the DRC assists in applications where the signal level is unpredictable.
The 5-band parametric equaliser (EQ) functions can be used to compensate for the frequency
characteristics of the output transducers. EQ functions can be cascaded to provide additional
frequency control. Programmable high-pass and low-pass filters are also available for general filtering
applications such as removal of wind and other low-frequency noise.
DIGITAL INTERFACES
Three serial digital audio interfaces (AIFs) each support PCM, TDM and I2S data formats for
compatibility with most industry-standard chipsets. AIF1 supports eight input/output channels; AIF2
and AIF3 each support two input/output channels. Bidirectional operation at sample rates up to
192kHz is supported.
Six digital PDM input channels are available (three stereo interfaces); these are typically used for
digital microphones, powered from the integrated MICBIAS power supply regulators. Two PDM output
channels are also available (one stereo interface); these are typically used for external power
amplifiers. Embedded mute codes provide a control mechanism for external PDM-input devices.
The WM5102 features a MIPI-compliant SLIMbus interface, providing eight channels of audio
input/output. Mixed audio sample rates are supported on the SLIMbus interface. The SLIMbus
interface also supports read/write access to the WM5102 control registers.
The WM5102 is equipped with an I2C slave port (at up to 1MHz), and an SPI port (at up to 26MHz).
Full access to the register map is also provided via the SLIMbus port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com