Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM5102 Datasheet(PDF) 29 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 29 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 25Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 26Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 27Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 28Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 29Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 30Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 31Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 32Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 33Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
29
TYPICAL SIGNAL LATENCY
OPERATING MODE
TEST CONDITIONS
LATENCY
INPUT
OUTPUT
DIGITAL CORE
AIF to DAC Stereo Path
Digital input (AIFn) to analogue
output (EPOUT).
Signal is routed via the digital
core ASRC function in the
asynchronous test cases only.
fs = 48kHz
fs = 48kHz
Synchronous
352µs
fs = 44.1kHz
fs = 44.1kHz
Synchronous
362µs
fs = 16kHz
fs = 16kHz
Synchronous
711µs
fs = 8kHz
fs = 8kHz
Synchronous
3580µs
fs = 8kHz
fs = 44.1kHz
Asynchronous
3750µs
fs = 16kHz
fs = 44.1kHz
Asynchronous
848µs
ADC to AIF Stereo Path
Analogue input (INn) to digital
output (AIFn).
Digital core High Pass filter
included in signal path.
Signal is routed via the digital
core ASRC function in the
asynchronous test cases only.
fs = 48kHz
fs = 48kHz
Synchronous
268µs
fs = 44.1kHz
fs = 44.1kHz
Synchronous
292µs
fs = 16kHz
fs = 16kHz
Synchronous
894µs
fs = 8kHz
fs = 8kHz
Synchronous
1730µs
fs = 44.1kHz
fs = 8kHz
Asynchronous
880µs
fs = 44.1kHz
fs = 16kHz
Asynchronous
530µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com