Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV342MA/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LMV342MA/NOPB
Description  Single Rain-to-Rail Output CMOS Operation Amplifier With Shutdown
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV342MA/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LMV342MA/NOPB Datasheet HTML 11Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 12Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 13Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 14Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 15Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 16Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 17Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 18Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
100
1k
10k
100k
1M
FREQUENCY (Hz)
0
20
40
60
80
100
120
140
160
180
200
VS = ±2.5V
TIME (4 Ps/div)
TA = -40°C
RL = 2k:
VS = ±2.5V
TIME (4 Ps/div)
TA =
125°C
RL = 2k:
VS = ±2.5V
TIME (4 Ps/div)
TA = -40°C
RL = 2kΩ
VS = ±2.5V
15
LMV341-N, LMV342-N, LMV344-N
www.ti.com
SNOS990H – APRIL 2002 – REVISED JUNE 2016
Product Folder Links: LMV341-N LMV342-N LMV344-N
Submit Documentation Feedback
Copyright © 2002–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 37. Inverting Large Signal Pulse Response
Figure 38. Inverting Small Signal Pulse Response
Figure 39. Inverting Large Signal Pulse Response
Figure 40. Crosstalk Rejection vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com