Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV342MA/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LMV342MA/NOPB
Description  Single Rain-to-Rail Output CMOS Operation Amplifier With Shutdown
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV342MA/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMV342MA/NOPB Datasheet HTML 9Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 10Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 11Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 12Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 13Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 14Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 15Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 16Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
TIME (4 Ps/div)
TA = 25°C
RL = 2k:
VS = ±2.5V
TIME (4 Ps/div)
TA = 125°C
RL = 2k:
VS = ±2.5V
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
0
200
VO (V)
20
40
60
80
100
120
140
160
180
VS = ±2.5
AV = +1
RL = 1M:
VO = 100mVPP
TIME (4 Ps/div)
TA = 25°C
RL = 2k:
VS = ±2.5V
1k
10k
100k
1M
10M
FREQUENCY (Hz)
-60
-40
-20
0
20
40
60
80
100
PHASE
GAIN
VS = 5V
RL = 100k:
CL = 1000pF
CL = 500pF
CL = 0
CL = 100pF
CL = 1000pF
CL = 500pF
CL = 100pF
CL = 0
-60
-40
-20
0
20
40
60
80
100
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
VO (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
VS = ±2.5V
AV = +1
RL = 2k:
VO = 100mVPP
13
LMV341-N, LMV342-N, LMV344-N
www.ti.com
SNOS990H – APRIL 2002 – REVISED JUNE 2016
Product Folder Links: LMV341-N LMV342-N LMV344-N
Submit Documentation Feedback
Copyright © 2002–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 25. Gain and Phase vs CL
Figure 26. Stability vs Capacitive Load
Figure 27. Stability vs Capacitive Load
Figure 28. Noninverting Small Signal Pulse Response
Figure 29. Noninverting Large Signal Pulse Response
Figure 30. Noninverting Small Signal Pulse Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com