Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV342MA/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LMV342MA/NOPB
Description  Single Rain-to-Rail Output CMOS Operation Amplifier With Shutdown
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV342MA/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMV342MA/NOPB Datasheet HTML 8Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 9Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 10Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 11Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 12Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 13Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 14Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 15Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
1k
10k
100k
1M
10M
FREQUENCY (Hz)
-60
-40
-20
0
20
40
60
80
100
PHASE
GAIN
-60
-40
-20
0
20
40
60
80
100
VS = 5V
RL = 600:
RL = 2k:
RL = 100k:
RL = 600:
RL = 2k:
RL = 100k:
1k
10k
100k
1M
10M
FREQUENCY (Hz)
-60
-40
-20
0
20
40
60
80
100
PHASE
GAIN
VS = 5V
RL = 600:
CL = 1000pF
CL = 500pF
CL = 0
CL = 100pF
CL = 1000pF
CL = 500pF
CL = 100pF
CL = 0
-60
-40
-20
0
20
40
60
80
10
0
1k
10k
100k
1M
10M
FREQUENCY (Hz)
-60
-40
-20
0
20
40
60
80
100
PHASE
GAIN
-60
-40
-20
0
20
40
60
80
100
VS = 5V
RL = 2k:
125°C
25°C
-40°C
125°C
-40°C
25°C
1k
10k
100k
1M
10M
FREQUENCY (Hz)
-60
-40
-20
0
20
40
60
80
100
PHASE
GAIN
-60
-40
-20
0
20
40
60
80
100
VS = 2.7V
RL = 600:
RL = 2k:
RL = 100k:
RL = 600:
RL = 2k:
RL = 100k:
1
10
100
1k
100k
FREQUENCY (Hz)
0.001
0.01
1
10
10k
0.1
AV = +10
AV = +1
VS = 2.7V, VO = 1VPP
VS = 5V, VO = 2.5VPP
VS = 2.7V, VO = 1VPP
VS = 5V, VO = 1VPP
0.00
1
0.0
1
0.1
1
10
VO (VPP)
0.01
0.1
1
10
f = 10KHz
RL = 600Ω
VS = 2.7V, AV = +10
VS = 5V, AV = +10
VS = 5V, AV = +1
VS = 2.7V, AV = +1
12
LMV341-N, LMV342-N, LMV344-N
SNOS990H – APRIL 2002 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LMV341-N LMV342-N LMV344-N
Submit Documentation Feedback
Copyright © 2002–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 19. THD+N vs Frequency
Figure 20. THD+N vs VOUT
Figure 21. Open-Loop Frequency Over Temperature
Figure 22. Open-Loop Frequency Response
Figure 23. Open-Loop Frequency Response
Figure 24. Gain and Phase vs CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com