Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV342MA/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMV342MA/NOPB
Description  Single Rain-to-Rail Output CMOS Operation Amplifier With Shutdown
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV342MA/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LMV342MA/NOPB Datasheet HTML 1Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 2Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 3Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 4Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 5Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 6Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 7Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 8Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
2
LMV341-N, LMV342-N, LMV344-N
SNOS990H – APRIL 2002 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LMV341-N LMV342-N LMV344-N
Submit Documentation Feedback
Copyright © 2002–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 5
6.1
Absolute Maximum Ratings ...................................... 5
6.2
ESD Ratings.............................................................. 5
6.3
Recommended Operating Conditions ....................... 5
6.4
Thermal Information .................................................. 5
6.5
Electrical Characteristics – 2.7 V (DC) ..................... 6
6.6
Electrical Characteristics – 2.7 V (AC)...................... 7
6.7
Electrical Characteristics – 5 V (DC) ........................ 7
6.8
Electrical Characteristics – 5 V (AC)......................... 8
6.9
Typical Characteristics .............................................. 9
7
Detailed Description ............................................ 16
7.1
Overview ................................................................. 16
7.2
Functional Block Diagram ....................................... 16
7.3
Feature Description................................................. 16
7.4
Device Functional Modes........................................ 16
8
Application and Implementation ........................ 18
8.1
Application Information............................................ 18
8.2
Typical Application .................................................. 18
9
Power Supply Recommendations ...................... 19
10
Layout................................................................... 20
10.1
Layout Guidelines ................................................. 20
10.2
Layout Example .................................................... 20
11
Device and Documentation Support ................. 21
11.1
Device Support...................................................... 21
11.2
Documentation Support ........................................ 21
11.3
Related Links ........................................................ 21
11.4
Receiving Notification of Documentation Updates 21
11.5
Community Resources.......................................... 21
11.6
Trademarks ........................................................... 21
11.7
Electrostatic Discharge Caution ............................ 21
11.8
Glossary ................................................................ 22
12
Mechanical, Packaging, and Orderable
Information ........................................................... 22
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision G (March 2013) to Revision H
Page
•
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section .................................................................................................. 1
•
Changed Thermal Information table ....................................................................................................................................... 5
Changes from Revision F (March 2012) to Revision G
Page
•
Changed layout of National Data Sheet to TI format ............................................................................................................. 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com