Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV342MA/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LMV342MA/NOPB
Description  Single Rain-to-Rail Output CMOS Operation Amplifier With Shutdown
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV342MA/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMV342MA/NOPB Datasheet HTML 12Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 13Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 14Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 15Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 16Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 17Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 18Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 19Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
CLASS AB CONTROL
OUT
VDD
InP
InM
VEE
Copyright © 2016, Texas Instruments Incorporated
16
LMV341-N, LMV342-N, LMV344-N
SNOS990H – APRIL 2002 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LMV341-N LMV342-N LMV344-N
Submit Documentation Feedback
Copyright © 2002–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
TI’s LMV34x-N family of amplifiers have 1-MHz bandwidth, 1-V/µs slew rate, a rail-to-rail output stage, and
consume only 100 µA of current per amplifier while active. When in shutdown mode it only consumes 45-pA
supply consumption with only 20 fA of input bias current. Lastly, these operational amplifiers provide an input-
referred voltage noise 29 nV
√Hz (at 10 kHz).
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Class AB Turnaround Stage Amplifier
This patented folded cascode stage has a combined class AB amplifier stage, which replaces the conventional
folded cascode stage. Therefore, the class AB folded cascode stage runs at a much lower quiescent current
compared to conventional-folded cascode stages. This results in significantly smaller offset and noise
contributions. The reduced offset and noise contributions in turn reduce the offset voltage level and the voltage
noise level at the input of LMV34x-N. Also the lower quiescent current results in a high open-loop gain for the
amplifier. The lower quiescent current does not affect the slew rate of the amplifier nor its ability to handle the
total current swing coming from the input stage.
The input voltage noise of the device at low frequencies, below 1 kHz, is slightly higher than devices with a BJT
input stage; however, the PMOS input stage results in a much lower input bias current and the input voltage
noise drops at frequencies above 1 kHz.
7.4 Device Functional Modes
7.4.1 Shutdown Feature
The LMV341-N is capable of being turned off to conserve power and increase battery life in portable devices.
Once in shutdown mode the supply current is drastically reduced, 1-µA maximum, and the output is tri-stated.
The device is disabled when the shutdown pin voltage is pulled low. The shutdown pin must never be left
unconnected. Leaving the pin floating results in an undefined operation mode and the device may oscillate
between shutdown and active modes.
The LMV341-N typically turns on 2.8 µs after the shutdown voltage is pulled high. The device turns off in less
than 400 ns after shutdown voltage is pulled low. Figure 41 and Figure 42 show the turnon and turnoff time of the
LMV341-N, respectively. To reduce the effect of the capacitance added to the circuit by the scope probe, in the
turnoff time circuit a resistive load of 600
Ω is added. Figure 43 and Figure 44 show the test circuits used to
obtain the two plots.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com