Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV342MA/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMV342MA/NOPB
Description  Single Rain-to-Rail Output CMOS Operation Amplifier With Shutdown
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV342MA/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMV342MA/NOPB Datasheet HTML 6Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 7Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 8Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 9Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 10Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 11Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 12Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 13Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
-1.5
-1
-0.5
0
0.5
1
1.5
OUTPUT VOLTAGE (V)
-300
-200
-100
0
100
200
300
VS = ±1.35V
RL = 10 k:
RL = 2 k:
-3
-2
-1
0
1
2
3
OUTPUT VOLTAGE (V)
-300
-200
-100
0
100
200
300
VS = ±2.5V
RL = 10 k:
RL = 2 k:
-0.2
0.5
1
1.5
2
2.5
3
3.5
4
4.5
VCM (V)
0
0.5
1
1.5
2
2.5
3
VS = 5V
-40°C
25°C
85°C
125°C
-0.2
0.3
0.8
1.3
1.8
2.3
0
0.5
1
1.5
2
2.5
3
VCM (V)
VS = 2.7V
125°C
85°C
25°C
-40°C
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
10
100
OUTPUT VOLTAGE REFERENCED TO V
-
(V)
VS = 2.7V
-40°C
25°C
125°C
85°C
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
OUTPUT VOLTAGE REFERENCED TO V
-
(V)
VS = 5V
125°C
25°C
85°C
-40°C
10
LMV341-N, LMV342-N, LMV344-N
SNOS990H – APRIL 2002 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LMV341-N LMV342-N LMV344-N
Submit Documentation Feedback
Copyright © 2002–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 7. ISINK vs VOUT
Figure 8. ISINK vs VOUT
Figure 9. VOS vs VCM
Figure 10. VOS vs VCM
Figure 11. VIN vs VOUT
Figure 12. VIN vs VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com