Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV342MA/NOPB Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LMV342MA/NOPB
Description  Single Rain-to-Rail Output CMOS Operation Amplifier With Shutdown
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV342MA/NOPB Datasheet(HTML) 18 Page - Texas Instruments

Back Button LMV342MA/NOPB Datasheet HTML 14Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 15Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 16Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 17Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 18Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 19Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 20Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 21Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
VIN
VOUT
V
+
+
-
+
-
V
+
C = 200pF
SAMPLE
CLOCK
Copyright © 2016, Texas Instruments Incorporated
18
LMV341-N, LMV342-N, LMV344-N
SNOS990H – APRIL 2002 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LMV341-N LMV342-N LMV344-N
Submit Documentation Feedback
Copyright © 2002–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LMV34x-N amplifier family features low voltage, low power, rail-to-rail output as well as a shutdown
capability, making it well suited for low voltage portable applications.
8.2 Typical Application
8.2.1 Sample and Hold Circuit
Figure 46. Sample and Hold Circuit
8.2.1.1 Design Requirements
The lower input bias current of the LMV341-N results in a very high input impedance. The output impedance
when the device is in shutdown mode is quite high. These high impedances, along with the ability of the
shutdown pin to be derived from a separate power source, make LMV341-N a good choice for sample and hold
circuits. The sample clock must be connected to the shutdown pin of the amplifier to rapidly turn the device on or
off.
8.2.1.2 Detailed Design Procedure
Figure 46 shows the schematic of a simple sample and hold circuit. When the sample clock is high the first
amplifier is in normal operation mode and the second amplifier acts as a buffer. The capacitor, which appears as
a load on the first amplifier, is charging at this time. The voltage across the capacitor is that of the noninverting
input of the first amplifier because it is connected as a voltage-follower. When the sample clock is low the first
amplifier is shut off, bringing the output impedance to a high value. The high impedance of this output, along with
the very high impedance on the input of the second amplifier, prevents the capacitor from discharging. There is
very little voltage droop while the first amplifier is in shutdown mode. The second amplifier, which is still in normal
operation mode and is connected as a voltage follower, also provides the voltage sampled on the capacitor at its
output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com