Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV342MA/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LMV342MA/NOPB
Description  Single Rain-to-Rail Output CMOS Operation Amplifier With Shutdown
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV342MA/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LMV342MA/NOPB Datasheet HTML 13Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 14Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 15Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 16Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 17Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 18Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 19Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 20Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
-0.5
0.5
1.5
2.5
3.5
4.5
5.5
VCM (V)
-200
-100
0
100
200
VS = 5V
TA = 25°C
+
-
VIN = VS/2
+
-
VOUT
V
+
SHDN
+
-
VIN = VS/2
+
-
VOUT
V
+
RL = 600:
SHDN
TIME (400 ns/div)
VS = 5V
TIME (1 Ps/div)
RL = 600:
VS = 5V
17
LMV341-N, LMV342-N, LMV344-N
www.ti.com
SNOS990H – APRIL 2002 – REVISED JUNE 2016
Product Folder Links: LMV341-N LMV342-N LMV344-N
Submit Documentation Feedback
Copyright © 2002–2016, Texas Instruments Incorporated
Device Functional Modes (continued)
Figure 41. Turnon Time Plot
Figure 42. Turnoff Time Plot
Figure 43. Turnon Time Circuit
Figure 44. Turnoff Time Circuit
7.4.2 Low Input Bias Current
LMV34x-N amplifiers have a PMOS input stage. As a result, they have a much lower input bias current than
devices with BJT input stages. This feature makes these devices ideal for sensor circuits. A typical curve of the
input bias current of the LMV341-N is shown in Figure 45.
Figure 45. Input Bias Current vs VCM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com