Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV342MA/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMV342MA/NOPB
Description  Single Rain-to-Rail Output CMOS Operation Amplifier With Shutdown
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV342MA/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMV342MA/NOPB Datasheet HTML 3Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 4Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 5Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 6Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 7Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 8Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 9Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 10Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
7
LMV341-N, LMV342-N, LMV344-N
www.ti.com
SNOS990H – APRIL 2002 – REVISED JUNE 2016
Product Folder Links: LMV341-N LMV342-N LMV344-N
Submit Documentation Feedback
Copyright © 2002–2016, Texas Instruments Incorporated
(1)
Electrical characteristic values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in
very limited self-heating of the device such that TJ = TA. No specification of parametric performance is indicated in the electrical tables
under conditions of internal self heating where TJ > TA.
(2)
All limits are specified by testing or statistical analysis.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and also depends on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(4)
Connected as voltage follower with 2-VPP step input. Number specified is the slower of the positive and negative slew rates.
6.6 Electrical Characteristics – 2.7 V (AC)
TJ = 25°C, V
+ = 2.7V, V− = 0V, V
CM = V
+/ 2, V
O = V
+/ 2, and R
L > 1 MΩ (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
SR
Slew rate
RL = 10 kΩ
(4)
1
V/µs
GBW
Gain bandwidth product
RL = 100 kΩ, CL = 200 pF
1
MHz
Φm
Phase margin
RL = 100 kΩ
72
°
Gm
Gain margin
RL = 100 kΩ
20
dB
en
Input-referred voltage noise
f = 1 kHz
40
nV/
√Hz
in
Input-referred current noise
f = 1 kHz
0.001
pA/
√Hz
THD
Total harmonic distortion
f = 1 kHz, AV = +1,
RL = 600 Ω, VIN = 1VPP
0.017%
(1)
Electrical characteristic values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in
very limited self-heating of the device such that TJ = TA. No specification of parametric performance is indicated in the electrical tables
under conditions of internal self heating where TJ > TA.
(2)
All limits are specified by testing or statistical analysis.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and also depends on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(4)
RL is connected to mid-supply. The output voltage is GND + 0.2 V ≤ VO ≤ V
+– 0.2 V
6.7 Electrical Characteristics – 5 V (DC)
TJ = 25°C, V
+ = 5 V, V− = 0 V, V
CM = V
+/ 2, V
O = V
+/ 2, and R
L > 1 MΩ (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
VOS
Input offset voltage
LMV341-N
TJ = 25°C
0.025
4
mV
–40°C
≤ TJ ≤ 125°C
4.5
LMV342-N and LMV344-N
TJ = 25°C
0.7
5
–40°C
≤ TJ ≤ 125°C
5.5
TCVOS
Input offset voltage
average drift
1.9
µV/°C
IB
Input bias current
TJ = 25°C
0.02
200
pA
–40°C
≤ TJ ≤ 125°C
375
IOS
Input offset current
6.6
fA
IS
Supply current
Per amplifier
TJ = 25°C
107
200
µA
–40°C
≤ TJ ≤ 125°C
260
Shutdown mode,
VSD = 0 V,
LMV341-N
TJ = 25°C
0.033
1
–40°C
≤ TJ ≤ 125°C
1.5
CMRR
Common-mode rejection
ratio
0 V
≤ VCM ≤ 4 V,
0 V
≤ VCM ≤ 3.9 V
TJ = 25°C
56
86
dB
–40°C
≤ TJ ≤ 125°C
50
PSRR
Power supply rejection ratio
2.7 V
≤ V+ ≤ 5 V
TJ = 25°C
65
82
dB
–40°C
≤ TJ ≤ 125°C
60
VCM
Input common-mode voltage
For CMRR
≥ 50 dB
V+
4.2
4
V
V–
0
−0.2
AV
Large signal voltage gain(4)
RL = 10 kΩ to 2.5 V
TJ = 25°C
78
116
dB
–40°C
≤ TJ ≤ 125°C
70
RL = 2 kΩ to 2.5 V
TJ = 25°C
72
107
–40°C
≤ TJ ≤ 125°C
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com