Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV342MA/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMV342MA/NOPB
Description  Single Rain-to-Rail Output CMOS Operation Amplifier With Shutdown
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV342MA/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LMV342MA/NOPB Datasheet HTML 1Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 2Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 3Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 4Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 5Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 6Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 7Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 8Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
V
+
OUT
+IN
GND
-IN
6
4
1
2
3
+
-
SHDN
5
3
LMV341-N, LMV342-N, LMV344-N
www.ti.com
SNOS990H – APRIL 2002 – REVISED JUNE 2016
Product Folder Links: LMV341-N LMV342-N LMV344-N
Submit Documentation Feedback
Copyright © 2002–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
DCK Package
6-Pin SC70
Top View
(1)
I = Input, O = Output, and P = Power
Pin Functions – LMV341-N
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
+IN
1
I
Noninverting input
–IN
3
I
Inverting input
GND
2
P
Negative supply input
OUT
4
O
Output
V+
6
P
Positive supply input
SHDN
5
I
Active low enable input
DGK or D Package
8-Pin VSSOP or SOIC
Top View
(1)
I = Input, O = Output, and P = Power
Pin Functions – LMV342-N
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
IN A+
3
I
Noninverting input, channel A
IN A–
2
I
Inverting input, channel A
IN B+
5
I
Noninverting input, channel B
IN B–
6
I
Inverting input, channel B
OUT A
1
O
Output, channel A
OUT B
7
O
Output, channel B
V+
8
P
Positive (highest) power supply
V–
4
P
Negative (lowest) power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com