Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV342MA/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LMV342MA/NOPB
Description  Single Rain-to-Rail Output CMOS Operation Amplifier With Shutdown
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV342MA/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMV342MA/NOPB Datasheet HTML 7Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 8Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 9Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 10Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 11Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 12Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 13Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 14Page - Texas Instruments LMV342MA/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
-40 -20
0
20
40
60
80 100 120 140
0
0.2
0.4
0.6
0.8
1
1.2
TEMPERATURE (°)
RISING EDGE
FALLING EDGE
AV = +1
RL = 10k:
VIN = 2VPP
VS = 2.7V
-40 -20
0
20
40
60
80 100 120 140
0
0.2
0.4
0.6
0.8
1
1.2
TEMPERATURE (°)
RISING EDGE
FALLING EDGE
AV = +1
RL = 10k:
VIN = 2VPP
VS = 5V
2.5
3
3.5
4
4.5
5
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
SUPPLY VOLTAGE (V)
FALLING EDGE
RISING EDGE
AV = +1
RL = 10k:
VIN = 2VPP
10
100
1k
10k
FREQUENCY (Hz)
0
40
200
260
240
220
80
60
20
120
140
160
180
100
VS = 5V
VS = 2.7V
VCM = VS/2
100
1k
10k
100k
1M
FREQUENCY (Hz)
0
10
20
30
40
50
60
70
80
VIN = VS/2
RL = 5kΩ
VS = 2.7V
VS = 5V
100
10k
10M
FREQUENCY (Hz)
0
20
100
1M
100k
1k
90
50
10
80
60
40
30
70
RL = 5 k:
VS = 5 V, +PSRR
VS = 2.7 V, -PSRR
VS = 5 V, -PSRR
VS = 2.7 V, +PSRR
11
LMV341-N, LMV342-N, LMV344-N
www.ti.com
SNOS990H – APRIL 2002 – REVISED JUNE 2016
Product Folder Links: LMV341-N LMV342-N LMV344-N
Submit Documentation Feedback
Copyright © 2002–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 13. CMRR vs Frequency
Figure 14. PSRR vs Frequency
Figure 15. Input Voltage Noise vs Frequency
Figure 16. Slew Rate vs VSUPPLY
Figure 17. Slew Rate vs Temperature
Figure 18. Slew Rate vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com