Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C54CST Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C54CST
Description  Client Side Telephony DSP
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C54CST Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS320C54CST Datasheet HTML 35Page - Texas Instruments TMS320C54CST Datasheet HTML 36Page - Texas Instruments TMS320C54CST Datasheet HTML 37Page - Texas Instruments TMS320C54CST Datasheet HTML 38Page - Texas Instruments TMS320C54CST Datasheet HTML 39Page - Texas Instruments TMS320C54CST Datasheet HTML 40Page - Texas Instruments TMS320C54CST Datasheet HTML 41Page - Texas Instruments TMS320C54CST Datasheet HTML 42Page - Texas Instruments TMS320C54CST Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 171 page
background image
Functional Overview
39
November 2001 − Revised September 2003
SPRS187B
3.8
Multichannel Buffered Serial Ports (McBSPs)
The 54CST device provides three high-speed, full-duplex, multichannel buffered serial ports that allow direct
interface to other C54x/LC54x devices, codecs, and other devices in a system. The McBSPs are based on
the standard serial-port interface found on other 54x devices. Like their predecessors, the McBSPs provide:
Full-duplex communication
Double-buffer data registers, which allow a continuous data stream
Independent framing and clocking for receive and transmit
In addition, the McBSPs have the following capabilities:
Direct interface to:
T1/E1 framers
MVIP switching compatible and ST-BUS compliant devices
IOM-2 compliant devices
AC97-compliant devices
IIS-compliant devices
Serial peripheral interface
Multichannel transmit and receive of up to 128 channels
A wide selection of data sizes, including 8, 12, 16, 20, 24, or 32 bits
•µ-law and A-law companding
Programmable polarity for both frame synchronization and data clocks
Programmable internal clock and frame generation
The McBSP consists of a data path and control path. The six pins, BDX, BDR, BFSX, BFSR, BCLKX, and
BCLKR, connect the control and data paths to external devices. The implemented pins can be programmed
as general-purpose I/O pins if they are not used for serial communication. Note that on McBSP2, the transmit
and receive clocks and the transmit and recieve frame sync have been combined. Also, McBSP2 is dedicated
to the DAA module and is not available externally with the exception of the BFSRX2 pin.
The data is communicated to devices interfacing to the McBSP by way of the data transmit (BDX) pin for
transmit and the data receive (BDR) pin for receive. The CPU or DMA reads the received data from the data
receive register (DRR) and writes the data to be transmitted to the data transmit register (DXR). Data written
to the DXR is shifted out to BDX by way of the transmit shift register (XSR). Similarly, receive data on the BDR
pin is shifted into the receive shift register (RSR) and copied into the receive buffer register (RBR). RBR is then
copied to DRR, which can be read by the CPU or DMA. This allows internal data movement and external data
communications simultaneously.
Control information in the form of clocking and frame synchronization is communicated by way of BCLKX,
BCLKR, BFSX, and BFSR. The device communicates to the McBSP by way of 16-bit-wide control registers
accessible via the internal peripheral bus.
The control block consists of internal clock generation, frame synchronization signal generation, and their
control, and multichannel selection. This control block sends notification of important events to the CPU and
DMA by way of two interrupt signals, XINT and RINT, and two event signals, XEVT and REVT.
The on-chip companding hardware allows compression and expansion of data in either
µ-law or A-law format.
When companding is used, transmitted data is encoded according to the specified companding law and
received data is decoded to 2s complement format.
The sample rate generator provides the McBSP with several means of selecting clocking and framing for both
the receiver and transmitter. Both the receiver and transmitter can select clocking and framing independently.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com