Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C54CST Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C54CST
Description  Client Side Telephony DSP
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C54CST Datasheet(HTML) 30 Page - Texas Instruments

Back Button TMS320C54CST Datasheet HTML 26Page - Texas Instruments TMS320C54CST Datasheet HTML 27Page - Texas Instruments TMS320C54CST Datasheet HTML 28Page - Texas Instruments TMS320C54CST Datasheet HTML 29Page - Texas Instruments TMS320C54CST Datasheet HTML 30Page - Texas Instruments TMS320C54CST Datasheet HTML 31Page - Texas Instruments TMS320C54CST Datasheet HTML 32Page - Texas Instruments TMS320C54CST Datasheet HTML 33Page - Texas Instruments TMS320C54CST Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 171 page
background image
Functional Overview
30
November 2001 − Revised September 2003
SPRS187B
Page 0
64K
See
Figure 3−2
0 0000
0 FFFF
Page 1
Lower
32K
External
1 0000
1 FFFF
Page 1
On-chip
ROM
(32K
words)
1 7FFF
1 8000
Page 2
Lower
32K
External
2 0000
2 FFFF
Page 2
On-chip
ROM
(32K
words)
2 7FFF
2 8000
Page 3
Lower
32K
External
3 0000
3 DFFF
3 7FFF
3 8000
Page 4
Lower
32K
External
4 0000
4 FFFF
Page 4
Upper 32K
External
4 7FFF
4 8000
Page 5
Lower
32K
External
5 0000
5 FFFF
Page 5
Upper 32K
External
5 7FFF
5 8000
Page 127
Lower
32K
External
7F 0000
7F FFFF
Page 127
Upper 32K
External
7F 7FFF
7F 8000
. . . . . .
. . . . . .
. . . . . .
. . . . . .
3 FFFF
3 E000
External
Page 3
On-chip
ROM
(24K
words)
† The lower 32 K words of pages 1 through 127 are only available when the OVLY bit is cleared to 0. If the OVLY bit is set to 1, the on-chip memory
is mapped to the lower 32 K words of all program space pages.
Figure 3−3. Extended Program Memory Map
3.5.1 Relocatable Interrupt Vector Table
The reset, interrupt, and trap vectors are addressed in program space. These vectors are soft — meaning that
the processor, when taking the trap, loads the program counter (PC) with the trap address and executes the
code at the vector location. Four words, either two 1-word instructions or one 2-word instruction, are reserved
at each vector location to accommodate a delayed branch instruction which allows branching to the
appropriate interrupt service routine without the overhead.
At device reset, the reset, interrupt, and trap vectors are mapped to address FF80h in program space.
However, these vectors can be remapped to the beginning of any 128-word page in program space after
device reset. This is done by loading the interrupt vector pointer (IPTR) bits in the PMST register with the
appropriate 128-word page boundary address. After loading IPTR, any user interrupt or trap vector is mapped
to the new 128-word page.
NOTE: The hardware reset (RS) vector cannot be remapped because the hardware reset loads the IPTR
with 1s. Therefore, the reset vector is always fetched at location FF80h in program space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com